Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF0004 Datasheet(PDF) 3 Page - Sanken electric

Part # SPF0004
Description  Automotive Qualified
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF0004 Datasheet(HTML) 3 Page - Sanken electric

  SPF0004 Datasheet HTML 1Page - Sanken electric SPF0004 Datasheet HTML 2Page - Sanken electric SPF0004 Datasheet HTML 3Page - Sanken electric SPF0004 Datasheet HTML 4Page - Sanken electric SPF0004 Datasheet HTML 5Page - Sanken electric SPF0004 Datasheet HTML 6Page - Sanken electric SPF0004 Datasheet HTML 7Page - Sanken electric SPF0004 Datasheet HTML 8Page - Sanken electric SPF0004 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPF0004
SPF0004-DSE Rev.1.0
SANKEN ELCTRIC CO.,LTD.
3
Sep. 06, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Electrical Characteristics
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain to Source Breakdown
Voltage
V(BR)DSS
ID = 100 μA, VGS = 0 V
275
−
−
V
Drain to Source Leakage Current
IDSS
VDS = 275 V, VGS = 0 V
−
−
100
µA
Gate to Source Leakage Current
IGSS
VGS = ± 20 V
−
−
10
µA
Gate Threshold Voltage
VGS(th)
VDS = 10 V, ID = 1 mA
1.90
2.25
2.60
V
Forward Transconductance
Re(yfs)
VDS = 10 V, ID = 6 A
−
20
-
S
Static Drain to Source
On-Resistance
RDS(ON)
ID = 6 A, VGS = 10 V
−
0.20
0.26
Ω
Input Capacitance
Ciss
VDS = 10 V
VGS = 0 V
f = 1 MHz
−
960
−
pF
Output Capacitance
Coss
−
250
−
Reverse Transfer Capacitance
Crss
−
36
−
Turn-On Delay Time
td(on)
VDD = 200 V
ID = 6 A
VGS = 10 V, RG = 10 Ω
Refer to Figure 4
−
15
−
ns
Rise Time
tr
−
34
−
Turn-Off Delay Time
td(off)
−
112
−
Fall Time
tf
−
144
−
Source to Drain Diode Forward
Voltage
VSD
ISD = 6 A, VGS = 0 V
−
−
1.2
V
Source to Drain Diode Reverse
Recovery Time
t rr
ISDP = 6 A
di/dt = 100 A/µs
Refer to Figure 3
−
117
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com