Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDB006V1M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IDB006V1M
Description  Bluetooth Low Energy USB dongle based on the SPBTLE-RF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB006V1M Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IDB006V1M Datasheet HTML 1Page - STMicroelectronics STEVAL-IDB006V1M Datasheet HTML 2Page - STMicroelectronics STEVAL-IDB006V1M Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB006V1M Datasheet HTML 4Page - STMicroelectronics STEVAL-IDB006V1M Datasheet HTML 5Page - STMicroelectronics STEVAL-IDB006V1M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Schematic diagrams
STEVAL-IDB006V1M
2/6
DocID028550 Rev 1
1
Schematic diagrams
Figure 1: STEVAL-IDB006V1M circuit schematic (1 of 4)
Murata
(CSTCE8M00G55-R0
)
Digikey
(490-1195-1-ND )
RS: 283-96 1
Farnell: 161535 2
MCU - Oscillator - MCU Voltage
VDD_2
VDD_1
VLCD
nRESET
VDD_3
VDD_A
USBDM
USBDP
SWO
SWDIO
SWCLK
BOOT0
nRESET
SPI2_CLK
SPI2_MOSI
SPI2_MISO
OSC_OUT
OSC_IN
OSC_IN
OSC_OUT
User_Button_1
User_Button_2
USER_LED_1
USER_LED_2
EEPROM_CS
UART2_TX
UART2_RX
SPI_CS
RESETN_SDN
IRQ1_SPxx
IRQ0_SPxx
IRQ3_SPxx
IRQ2_SPxx
D_VDD
A_VDD
GND
D_VDD
GND
GND
GND
D_VDD
D_VDD
GND
D_VDD
GND
GND
R11
10k
SMD 0402
C8
100nF
16V
SMD 0402
Y1
8MHz
C9
1uF
10V
SMD 0402
C6
100nF
16V
SMD 0402
STM32L 151CBU 6
U1
STM32L151CBU6
PC13-RTC_AF1-WKUP2
2
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PH0_OSC_IN
5
PH1-OSC_OUT
6
NRST
7
PA0-WKUP1
10
PA1
11
PA2
12
PA3
13
PA4
14
PA5
15
PA6
16
PA7
17
PB0
18
PB1
19
PB2-BOOT1
20
PB10
21
PB11
22
PB12
25
PB13
26
PB14
27
PB15
28
PA8
29
PA9
30
PA10
31
PA11
32
PA12
33
PA13-JTMS-SWDIO
34
PA14-JTCK-SWCLK
37
PA15-JTDI
38
PB3-JTDO-TRACESWO
39
PB4-NJTRST
40
PB5
41
PB6
42
PB7
43
BOOT0
44
PB8
45
PB9
46
C7
10uF 4V
SMD 0402
C5
100nF
16V
SMD 0402
C4
100nF
16V
SMD 0402
C3
100nF
16V
SMD 0402
GSPG2610151150SG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com