Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ015M15R Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLQ015M15R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M15R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLQ015M15R Datasheet HTML 3Page - STMicroelectronics STLQ015M15R Datasheet HTML 4Page - STMicroelectronics STLQ015M15R Datasheet HTML 5Page - STMicroelectronics STLQ015M15R Datasheet HTML 6Page - STMicroelectronics STLQ015M15R Datasheet HTML 7Page - STMicroelectronics STLQ015M15R Datasheet HTML 8Page - STMicroelectronics STLQ015M15R Datasheet HTML 9Page - STMicroelectronics STLQ015M15R Datasheet HTML 10Page - STMicroelectronics STLQ015M15R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STLQ015
Electrical characteristics
DocID17285 Rev 6
7/17
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 4: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
IOUT = 0
1.5
5.5
V
-40 °C < TJ < 125 °C,
IOUT = 150 mA
1.55
5.5
VOUT
VOUT accuracy
IOUT = 1 mA
-2
2
%
IOUT = 1 mA,
VOUT < 1 V
-20
+20
mV
IOUT = 1 mA,
-40 °C < TJ < 125 °C
-3
3
%
∆VOUT-
LINE
Static line
regulation
VOUT
+1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
±0.01
%/V
∆VOUT-
LOAD
Static load
regulation
IOUT = 1 mA to 150 mA
±0.002
%/mA
VDROP
Dropout
voltage (1)
IOUT = 150 mA
112
mV
IOUT = 150 mA,
-40 °C < TJ < 125 °C
300
eN
Output noise
voltage
10 kHz to 100 kHz,
IOUT = 10 mA, VOUT = 0.8 V
75
µVRMS
SVR
Supply voltage
rejection
VOUT = 0.8 V
VIN = VOUTNOM + 1 V +/-VRIPPLE VRIPPLE = 0.1 V,
frequency = 1 kHz
IOUT = 10 mA
40
dB
VIN = VOUTNOM + 1 V +/-VRIPPLE VRIPPLE = 0.1 V,
frequency =10 kHz
IOUT = 1 mA
30
VIN = VOUTNOM + 1 V +/-VRIPPLE VRIPPLE = 0.1 V,
frequency = 100 kHz
IOUT = 1 mA
15
IQ
Quiescent current
IOUT = 0
1.0
1.7
µA
IOUT = 0 to 150 mA,
-40 °C < TJ < 125 °C
1.4
2.4
IOFF
Shutdown
current (2)
VIN input current in OFF mode:
VEN = GND,
-40 °C < TJ < 125 °C
1
200
nA
ISC
Short-circuit
current
RL = 0
250
350
mA
VEN
Enable input logic
low
VIN = 1.5 V to 5.5 V
0.4
V
Enable input logic
high
VIN = 1.5 V to 5.5 V
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com