| Electronic Components Datasheet Search |
|
STM8AL3L8A Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3L8A Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() DocID17922 Rev 6 7/18 STM8AL3xxx STM8L052R8 STM8L1xxx6/8 Silicon limitations 17 Workaround 2 To optimize the number of cycles added by workaround 1, you can use this workaround instead. Workaround 2 can be used in applications with fixed interrupt priorities, identified at the program compilation phase: push #value pop cc where bits 5 and 3 of #value have to be configured according to interrupt priority given by I1 and I0, and bit 6 kept cleared. In this case, compiler workaround 1 has to be disabled by using compiler directives. No fix is planned for this limitation. 1.1.4 Incorrect code execution when WFE execution is interrupted by ISR or event Description Two types of failures can occur: Case 1: In case WFE instruction is placed in the two MSB of the 32-bit word within the memory, an event which occurs during the WFE execution cycle or re-execution cycle (when returning from ISR handler) will cause an incorrect code execution. Case 2: An interrupt request, which occurs during the WFE execution cycle will lead to incorrect code execution. This is also valid for the WFE re-execution cycle, while returning from an ISR handler. The above failures have no impact on the core behavior when the ISR request or events occur in Wait for Event mode itself, out of the critical single cycle of WFE instruction execution. Workaround General solution is to ensure no interrupt request or event occurs during WFE instruction execution or re-execution cycle by proper application timing. Dedicated workarounds: Case 1: Replace the WFE instruction with WFE JRA next next: |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |