Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3138 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8AL3138
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3138 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8AL3138 Datasheet HTML 58Page - STMicroelectronics STM8AL3138 Datasheet HTML 59Page - STMicroelectronics STM8AL3138 Datasheet HTML 60Page - STMicroelectronics STM8AL3138 Datasheet HTML 61Page - STMicroelectronics STM8AL3138 Datasheet HTML 62Page - STMicroelectronics STM8AL3138 Datasheet HTML 63Page - STMicroelectronics STM8AL3138 Datasheet HTML 64Page - STMicroelectronics STM8AL3138 Datasheet HTML 65Page - STMicroelectronics STM8AL3138 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
62/124
DocID18474 Rev 7
9.3
Operating conditions
Subject to general operating conditions for VDD and TA.
9.3.1
General operating conditions
Table 19. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fSYSCLK
(1)
System clock
frequency
1.65 V
≤VDD < 3.6 V
0
16
MHz
VDD
Standard operating
voltage
-1.65(2)
3.6
V
VDDA
Analog operating
voltage
ADC and DAC
not used
Must be at the same
potential as VDD
1.65(2)
3.6
V
ADC and DAC
used
1.8
3.6
V
PD(3)
Power dissipation at
TA= 85 °C for suffix A
devices
LQFP48
-
288
mW
LQFP32
-
288
VFQFPN32
-
322
Power dissipation at
TA= 125 °C for suffix C
devices
LQFP48
-
77
LQFP32
-
85
VFQFPN32
-
80
TA
Temperature range
1.65 V
≤VDD < 3.6 V (A suffix version)
-40
85
°C
1.65 V
≤VDD < 3.6 V (C suffix version)
-40
125
TJ
Junction temperature
range
-40 °C
≤TA < 85 °C
(A suffix version)
-40
105
°C
-40 °C
≤ TA < 125 °C
(C suffix version)
-40
130
1. fSYSCLK = fCPU
2. 1.8 V at power-up, 1.65 V at power-down if BOR is disabled
3. To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/
ΘJA with TJmax in this table and ΘJA in “Thermal characteristics”
table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com