Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE88 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM8AL3LE88
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE88 Datasheet(HTML) 5 Page - STMicroelectronics

  STM8AL3LE88 Datasheet HTML 1Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 2Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 3Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 4Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 5Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 6Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 7Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 8Page - STMicroelectronics STM8AL3LE88 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID17922 Rev 6
5/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
Section 1.3:
Peripheral
limitations
Section 1.3.1:
SPI2 peripheral
limitations
SPI2_MOSI cannot be configured
as pseudo open-drain on 48-pin
packages
NN
Section 1.3.2:
I2C peripheral
limitations
I2C event management
AA
Corrupted last received data in I2C
Master Receiver mode
AA
Wrong behavior of the I2C
peripheral in Master mode after
misplaced STOP
AA
Violation of I2C “setup time for
repeated START condition”
parameter
AA
In I2C slave “NOSTRETCH” mode,
underrun errors may not be
detected and may generate bus
errors
AA
SMBus standard not fully
supported in I2C peripherals
AA
Section 1.3.3:
USART
peripheral
limitations
USART IDLE frame detection not
supported in the case of a clock
deviation
NN
PE flag can be cleared in USART
Duplex mode by writing to the data
register
AA
PE flag is not set in USART Mute
mode using address mark
detection
NN
IDLE flag is not set using address
mark detection in the USART
peripheral
NN
Section 1.3.4:
Timer limitations
TIM1 advanced timer: Bad
regulation for 100% PWM
NN
Table 3. Summary of STM8AL3xxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon
limitations (continued)
Section
Limitation
STM8L15xM8/R8/C8/R6
STM8L162x8,
STM8AL318x,
STM8AL3L8x,
STM8AL3xE8x
rev. Z
STM8L052R8
rev. Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com