Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903K3 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 39Page - STMicroelectronics STM8S903K3 Datasheet HTML 40Page - STMicroelectronics STM8S903K3 Datasheet HTML 41Page - STMicroelectronics STM8S903K3 Datasheet HTML 42Page - STMicroelectronics STM8S903K3 Datasheet HTML 43Page - STMicroelectronics STM8S903K3 Datasheet HTML 44Page - STMicroelectronics STM8S903K3 Datasheet HTML 45Page - STMicroelectronics STM8S903K3 Datasheet HTML 46Page - STMicroelectronics STM8S903K3 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 121 page
background image
DocID15590 Rev 10
43/121
STM8S903K3 STM8S903F3
Interrupt vector mapping
50
7
Interrupt vector mapping
Table 10. Interrupt mapping
IRQ no.
Source block
Description
Wakeup from
halt mode
Wakeup from
active-halt mode
Vector address
-
RESET
Reset
Yes
Yes
0x00 8000
-
TRAP
Software interrupt
-
-
0x00 8004
0TLI
External top level
interrupt
-
-
0x00 8008
1AWU
Auto wake up from
halt
-
Yes
0x00 800C
2
CLK
Clock controller
-
-
0x00 8010
3
EXTI0
Port A external
interrupts
Yes(1)
Yes(1)
0x00 8014
4
EXTI1
Port B external
interrupts
Yes
Yes
0x00 8018
5
EXTI2
Port C external
interrupts
Yes
Yes
0x00 801C
6
EXTI3
Port D external
interrupts
Yes
Yes
0x00 8020
7
EXTI4
Port E external
interrupts
Yes
Yes
0x00 8024
8
EXTI5
Port F external
interrupts
-
-
0x00 8028
9
Reserved
-
-
-
0x00 802C
10
SPI
End of transfer
Yes
Yes
0x00 8030
11
TIM1
TIM1 update/
overflow/
underflow/ trigger/
break
-
-
0x00 8034
12
TIM1
TIM1 capture/
compare
-
-
0x00 8038
13
TIM5
TIM5 update/
overflow/trigger
-
-
0x00 803C
14
TIM5
TIM5 capture/
compare
-
-
0x00 8040
15
Reserved
-
-
-
0x00 8044
16
Reserved
-
-
-
0x00 8048
17
UART1
Tx complete
-
-
0x00 804C
18
UART1
Receive register
DATA FULL
-
-
0x00 8050
19
I2C
I2C interrupt
Yes
Yes
0x00 8054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com