Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX393IDT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSX393IDT
Description  Micropower dual CMOS voltage comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX393IDT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSX393IDT Datasheet HTML 10Page - STMicroelectronics TSX393IDT Datasheet HTML 11Page - STMicroelectronics TSX393IDT Datasheet HTML 12Page - STMicroelectronics TSX393IDT Datasheet HTML 13Page - STMicroelectronics TSX393IDT Datasheet HTML 14Page - STMicroelectronics TSX393IDT Datasheet HTML 15Page - STMicroelectronics TSX393IDT Datasheet HTML 16Page - STMicroelectronics TSX393IDT Datasheet HTML 17Page - STMicroelectronics TSX393IDT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Application information (input voltages)
TSX393
14/23
DocID026989 Rev 3
6
Application information (input voltages)
The ESD strategy used in the TSX393 (and shown in Figure 2 allows input voltages from
-0.3 V up to 16 V to be applied regardless of the VCC+ voltage. When VIN > VCC+ a leakage
current goes from the input through the protection diode to the ESD clamp. This current is
about 0.2 nA at 25 °C and about 250 nA at 125 °C. For a detailed input characteristic see
Figure 12. The device is designed to prevent phase reversal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com