Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX7192IYST Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSX7192IYST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IYST Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSX7192IYST Datasheet HTML 3Page - STMicroelectronics TSX7192IYST Datasheet HTML 4Page - STMicroelectronics TSX7192IYST Datasheet HTML 5Page - STMicroelectronics TSX7192IYST Datasheet HTML 6Page - STMicroelectronics TSX7192IYST Datasheet HTML 7Page - STMicroelectronics TSX7192IYST Datasheet HTML 8Page - STMicroelectronics TSX7192IYST Datasheet HTML 9Page - STMicroelectronics TSX7192IYST Datasheet HTML 10Page - STMicroelectronics TSX7192IYST Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TSX7192
Electrical characteristics
DocID027196 Rev 1
7/25
nV
Hz
------------
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.2 to 9.8 V
110
dB
Tmin < Top < Tmax
100
VOH
High level output voltage
(voltage drop from VCC+)
RL
= 2 kΩ tο VCC/2
45
70
mV
Tmin < Top < Tmax
80
RL
= 10 kΩ tο VCC/2
10
30
Tmin < Top < Tmax
40
VOL
Low level output voltage
RL
= 2 kΩ tο VCC/2
42
70
Tmin < Top < Tmax
80
RL
= 10 kΩ tο VCC/2
9
30
Tmin < Top < Tmax
40
Iout
Isink
Vout = VCC
30
39
mA
Tmin < Top < Tmax
15
Isource
Vout = 0 V
50
69
Tmin < Top < Tmax
40
ICC
Supply current per amplifier
No load, Vout = VCC/2
630
850
μA
Tmin < Top < Tmax
1000
GBP
Gain bandwidth product
RL
= 10 kΩ, CL = 100 pF
5
9
MHz
ɸm
Phase margin
G = 10, RL
= 10 kΩ, CL = 100 pF
48
Degrees
SRn
Negative slew rate
Av = 10, Vout = 8 VPP,
10 % to 90 %
1.3
2.3
V/μs
Tmin < Top < Tmax
1.0
SRp
Positive slew rate
Av = 10, Vout = 8 VPP,
10 % to 90 %
1.5
2.5
Tmin < Top < Tmax
1.1
en
Equivalent input noise
voltage
f = 1 kHz
22
f = 10 kHz
19
THD+N
Total harmonic distortion +
noise
f = 1 kHz, Av = 10, RL
= 10 kΩ,
BW = 22 kHz, Vout = 9 VPP
0.0001
%
Notes:
(1)
Maximum values are guaranteed by design.
(2)
Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration (see Section 4.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com