Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1872 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1872 Datasheet HTML 1Page - STMicroelectronics UM1872 Datasheet HTML 2Page - STMicroelectronics UM1872 Datasheet HTML 3Page - STMicroelectronics UM1872 Datasheet HTML 4Page - STMicroelectronics UM1872 Datasheet HTML 5Page - STMicroelectronics UM1872 Datasheet HTML 6Page - STMicroelectronics UM1872 Datasheet HTML 7Page - STMicroelectronics UM1872 Datasheet HTML 8Page - STMicroelectronics UM1872 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
June 2015
DocID027622 Rev 2
1/21
21
UM1872
User manual
Getting started with the Sub-1 GHz expansion board based on
SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
Introduction
The X-NUCLEO-IDS01A4 and X-NUCLEO-IDS01A5 are evaluation boards intended to
provide a platform for testing the features and capabilities of the SPSGRF modules, based
on the SPIRIT1 low data rate, low power sub-1 GHz transceiver device.
These expansion boards can be plugged into the Arduino UNO R3 connectors of any
STM32 Nucleo board. The user can mount ST Morpho connectors if required. Other
expansion boards can easily be stacked to allow evaluation of different devices using sub-1
GHz communication.
The boards are equipped with the following features:
• On-board SPSGRF module based on the SPIRIT1 sub-1 GHz transceiver device
• SPI EEPROM for saving parameters
• LED for user interface
• Jumper at 3V3 for checking the current consumption of the expansion board
Figure 1. Sub-1 GHz expansion board based on SPSGRF module for STM32
www.st.com


Similar Part No. - UM1872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1870 STMICROELECTRONICS-UM1870 Datasheet
2Mb / 58P
BlueNRG-MS development kits
14-May-2015
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
More results

Similar Description - UM1872

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
14-Jul-2016
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
06-Jul-2015
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
17-Sep-2015
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
02-Oct-2015
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
28-Oct-2015
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
06-Nov-2015
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
04-Jul-2016
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com