Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9755AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD9755AST
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 5 Page - Analog Devices

  AD9755AST Datasheet HTML 1Page - Analog Devices AD9755AST Datasheet HTML 2Page - Analog Devices AD9755AST Datasheet HTML 3Page - Analog Devices AD9755AST Datasheet HTML 4Page - Analog Devices AD9755AST Datasheet HTML 5Page - Analog Devices AD9755AST Datasheet HTML 6Page - Analog Devices AD9755AST Datasheet HTML 7Page - Analog Devices AD9755AST Datasheet HTML 8Page - Analog Devices AD9755AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
REV. 0
AD9753
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
RESET
Internal Clock Divider Reset
2
CLK+
Differential Clock Input
3
CLK–
Differential Clock Input
4, 22
DCOM
Digital Common
5, 21
DVDD
Digital Supply Voltage
6
PLLLOCK
PLL Lock Indicator Output
7–18
P1B11–P1B0
Data Bits DB11 to DB0, Port 1
19–20, 35–36
Reserved
23–34
P2B11–P2B0
Data Bits DB11 to DB0, Port 2
37, 38
DIV0, DIV1
Control inputs for PLL and input port selector mode, see Tables I and II for details.
39
REFIO
Reference Input/Output
40
FSADJ
Full-Scale Current Output Adjust
41
AVDD
Analog Supply Voltage
42
IOUTB
Differential DAC Current Output
43
IOUTA
Differential DAC Current Output
44
ACOM
Analog Common
45
CLKCOM
Clock and Phase-Locked Loop Common
46
LPF
PLL Loop Filter
47
PLLVDD
Phase-Locked Loop Supply Voltage
48
CLKVDD
Clock Supply Voltage
PIN CONFIGURATION
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
36
35
34
33
32
31
30
29
28
27
26
25
AD9753
RESERVED
RESERVED
P2B0–LSB
P2B1
P2B2
P2B3
P2B4
P2B5
P2B6
P2B7
P2B8
P2B9
RESET
CLK+
CLK–
DCOM
DVDD
PLLLOCK
MSB–P1B11
P1B10
P1B9
P1B8
P1B7
P1B6
RESERVED = NO
USER CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com