Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9753-EB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9753-EB
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753-EB Datasheet(HTML) 4 Page - Analog Devices

  AD9753-EB Datasheet HTML 1Page - Analog Devices AD9753-EB Datasheet HTML 2Page - Analog Devices AD9753-EB Datasheet HTML 3Page - Analog Devices AD9753-EB Datasheet HTML 4Page - Analog Devices AD9753-EB Datasheet HTML 5Page - Analog Devices AD9753-EB Datasheet HTML 6Page - Analog Devices AD9753-EB Datasheet HTML 7Page - Analog Devices AD9753-EB Datasheet HTML 8Page - Analog Devices AD9753-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
REV. 0
–4–
AD9753–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9753 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, unless
otherwise noted.)
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic “1”
2.1
3.3
V
Logic “0”
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
0.5
1.0
ns
Input Hold Time (tH)
0.5
1.0
ns
Input Setup Time (tS, PLLVDD = 0 V)
–1.5
–1.0
ns
Input Hold Time (tH, PLLVDD = 0 V))
1.7
2.5
ns
Min CLK Freq
1
6.25
MHz
NOTES
1?
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
With Respect to
Min
Max
Unit
AVDD, DVDD, CLKVDD, PLLVDD
ACOM, DCOM, CLKCOM, PLLCOM
–0.3
+3.9
V
AVDD, DVDD, CLKVDD, PLLVDD
ACOM, DCOM, CLKCOM, PLLCOM
–3.9
+3.9
V
ACOM, DCOM, CLKCOM, PLLCOM
ACOM, DCOM, CLKCOM, PLLCOM
–0.3
+3.9
V
REFIO, REFLO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
Digital Data Inputs (DB13 to DB0)
DCOM
–0.3
DVDD + 0.3
V
CLK+/CLK–, PLLLOCK
CLKCOM
–0.3
CLKVDD + 0.3
V
DIV0, DIV1, RESET
CLKCOM
–0.3
CLKVDD + 0.3
V
LPF
PLLCOM
–0.3
PLLVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9755AST –40
°C to +85°C 48-Lead LQFP ST-48
AD9753-EB
Evaluation Board
NOTE
Min CLK freq only applies when using internal PLL. When PLL is disabled,
there is no minimum CLK frequency.
THERMAL CHARACTERISTIC
Thermal Resistance
48-Lead LQFP
θ
JA = 91
°C/W
PORT 1
DATA X
DATA Y
tH
tS
tLPW
tPD
DATA X
DATA Y
tPD
PORT 2
IOUTA OR IOUTB
INPUT CLK
(PLL ENABLED)
1
CLOCK @ PLLLOCK
(PLL DISABLED)
DATA IN
Figure 1. I/O Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com