Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2889N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2889N
Description  LM2889 TV Video Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2889N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2889N Datasheet HTML 2Page - National Semiconductor (TI) LM2889N Datasheet HTML 3Page - National Semiconductor (TI) LM2889N Datasheet HTML 4Page - National Semiconductor (TI) LM2889N Datasheet HTML 5Page - National Semiconductor (TI) LM2889N Datasheet HTML 6Page - National Semiconductor (TI) LM2889N Datasheet HTML 7Page - National Semiconductor (TI) LM2889N Datasheet HTML 8Page - National Semiconductor (TI) LM2889N Datasheet HTML 9Page - National Semiconductor (TI) LM2889N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information
SOUND FM MODULATOR
Frequency deviation is determined by the Q of the tank cir-
cuit at pin 13 and the current entering the audio input pin 1
This current is set by the input voltage VIN the device input
impedance (15 kX) and any impedance network connect-
ed externally A signal of 60 mVrms at pin 1 will yield about
g
25 kHz deviation when configured as shown in
Figure 2
VIDEO CLAMP
When video is not available at DC levels within the RF mod-
ulator common-mode range or if the DC level of the video is
not temperature stable then it should be AC-coupled as
shown in the typical applications circuit (
Figure 2 ) The
clamp holds the horizontal sync pulses at 52V for VSe12V
The clamp coupling capacitor is charged during every sync
pulse and discharged when video information is present
The discharge current is approximately 20 mA This current
and the amount of acceptable tilt over a line of video deter-
mines the value of the coupling capacitor C1 For most ap-
plications 1 mF is sufficient
RF MODULATION
Two RF channels are available with carrier frequencies up
to 100 MHz being determined by L-C tank circuits at pins
4 5 and 67 The signal inputs (pins 10 and 11) are com-
mon to both modulators but removing the power supply
from an RF oscillator will also disable that modulator
The offset between the two signal pins determines the level
of the RF carrier output To preserve the DC content of the
video signal amplitude modulation of the RF carrier is done
in one direction only with increasing video (toward peak
white) decreasing the carrier level This means the active
composite video signal at pin 11 must be offset with respect
to pin 10 and the sync pulse should produce the largest
offset
The largest video signal (peak white) should not be able to
suppress the carrier completely particularly if sound trans-
mission is needed This requires that pin 10 be biased
above the largest expected video signal Because peak
white level is often difficult to define a good rule to follow is
to bias pin 10 at a level which is four times the sync ampli-
tude above the sync tip level at pin 11 For example the DC
bias at pin 10 with 05V sync clamped to 52V on pin 11
should be 52a(4c05)e72V
Typical Application
TLH5079 – 7
FIGURE 2 Two Channel Video Modulator with FM Sound
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com