Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP6402C Datasheet(PDF) 9 Page - Harris Corporation

Part # CDP6402C
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402C Datasheet(HTML) 9 Page - Harris Corporation

Back Button CDP6402C Datasheet HTML 4Page - Harris Corporation CDP6402C Datasheet HTML 5Page - Harris Corporation CDP6402C Datasheet HTML 6Page - Harris Corporation CDP6402C Datasheet HTML 7Page - Harris Corporation CDP6402C Datasheet HTML 8Page - Harris Corporation CDP6402C Datasheet HTML 9Page - Harris Corporation CDP6402C Datasheet HTML 10Page - Harris Corporation CDP6402C Datasheet HTML 11Page - Harris Corporation CDP6402C Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
5-82
Dynamic Electrical Specifications at TA = -40oC to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP6402
CDP6402C
(NOTE 2)
TYP
(NOTE 3)
MAX
(NOTE 2)
TYP
(NOTE 3)
MAX
SYSTEM TIMING (See Figure 6)
Minimum Pulse Width
CRL
tCRL
5
50
150
50
150
ns
10
40
100
-
-
ns
Minimum Setup Time
Control Word to CRL
tCWC
5
20502050
ns
10
0
40
-
-
ns
Minimum Hold Time
Control Word after CRL
tCCW
5
40604060
ns
10
20
30
-
-
ns
Propagation Delay Time
SFD High to SOD
tSFDH
5
130
200
130
200
ns
10
100
150
-
-
ns
SFD Low to SOD
tSFDL
5
130
200
130
200
ns
10
40
60
-
-
ns
RRD High to Receiver Register
High Impedance
tRRDH
5
80
150
80
150
ns
10
40
70
-
-
ns
RRD Low to Receiver Register
Active
tRRDL
5
80
150
80
150
ns
10
40
70
-
-
ns
Minimum Pulse Width
MR
5
200
400
200
400
ns
10
100
200
-
-
ns
NOTES:
1. All measurements are made at the 50% point of the transition except three-state measurements.
2. Typical values for TA = 25
oC and nominal V
DD.
3. Maximum limits of minimum characteristics are the values above which all devices function.
FIGURE 6. SYSTEM TIMING WAVEFORMS
tCWC
CONTROL WORD BYTE
CONTROL INPUT WORD TIMING
CONTROL WORD INPUT
CRL
STATUS OUTPUTS
SFD
STATUS OUTPUT TIMING
tCRL
tSFDH
10%
90%
R BUS 0
R BUS 7
RECEIVER REGISTER DISCONNECT TIMING
10%
90%
30%
70%
tRRDH
RRD
tRRDL
tSFDL
30%
70%
tCCW
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com