Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP6402CE Datasheet(PDF) 10 Page - Harris Corporation

Part # CDP6402CE
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402CE Datasheet(HTML) 10 Page - Harris Corporation

Back Button CDP6402CE Datasheet HTML 4Page - Harris Corporation CDP6402CE Datasheet HTML 5Page - Harris Corporation CDP6402CE Datasheet HTML 6Page - Harris Corporation CDP6402CE Datasheet HTML 7Page - Harris Corporation CDP6402CE Datasheet HTML 8Page - Harris Corporation CDP6402CE Datasheet HTML 9Page - Harris Corporation CDP6402CE Datasheet HTML 10Page - Harris Corporation CDP6402CE Datasheet HTML 11Page - Harris Corporation CDP6402CE Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5-83
Dynamic Electrical Specifications at TA = -40oC to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP6402
CDP6402C
(NOTE 2)
TYP
(NOTE 3)
MAX
(NOTE 2)
TYP
(NOTE 3)
MAX
TRANSMITTER TIMING (See Figure 7)
Minimum Clock Period (TRC)
tCC
5
250
310
250
310
ns
10
125
155
-
-
ns
Minimum Pulse Width
Clock Low Level
tCL
5
100
125
100
125
ns
10
75
100
-
-
ns
Clock High Level
tCH
5
100
125
100
125
ns
10
75
100
-
-
ns
TBRL
tTHTH
5
80
200
80
200
ns
10
40
100
-
-
ns
Minimum Setup Time
TBRL to Clock
tTHC
5
175
275
175
275
ns
10
90
150
-
-
ns
Data to TBRL
tDT
5
20502050
ns
10
0
40
-
-
ns
Minimum Hold-Time
Data after TBRL
tTD
5
40604060
ns
10
20
30
-
-
ns
Propagation Delay Time
Clock to Data Start Bit
tCD
5
300
450
300
450
ns
10
150
225
-
-
ns
Clock to TBRE
tCT
5
330
400
330
400
ns
10
100
150
-
-
ns
TBRL to TBRE
tTTHR
5
200
300
200
300
ns
10
100
150
-
-
ns
Clock to TRE
tTTS
5
330
400
330
400
ns
10
100
150
-
-
ns
NOTES:
1. All measurements are made at the 50% point of the transition except three-state measurements.
2. Typical values for TA = 25
oC and nominal V
DD.
3. Maximum limits of minimum characteristics are the values above which all devices function.
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com