Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T810-600B Datasheet(PDF) 1 Page - STMicroelectronics

Part # T810-600B
Description  8A TRIACS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810-600B Datasheet(HTML) 1 Page - STMicroelectronics

  T810-600B Datasheet HTML 1Page - STMicroelectronics T810-600B Datasheet HTML 2Page - STMicroelectronics T810-600B Datasheet HTML 3Page - STMicroelectronics T810-600B Datasheet HTML 4Page - STMicroelectronics T810-600B Datasheet HTML 5Page - STMicroelectronics T810-600B Datasheet HTML 6Page - STMicroelectronics T810-600B Datasheet HTML 7Page - STMicroelectronics T810-600B Datasheet HTML 8Page - STMicroelectronics T810-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
Table 1: Main Features
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA08, BTB08 and T8 triac series
is suitable for general purpose AC switching. They
can be used as an ON/OFF function in applica-
tions such as static relays, heating regulation, in-
duction motor starting circuits... or for phase
control operation in light dimmers, motor speed
controllers,...
The snubberless versions (BTA/BTB...W and T8
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances.
Logic level versions are designed to interface
directly
with
low
power
drivers
such
as
microcontrollers.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (file ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
5 to 50
mA
BTA08, BTB08 and T8 Series
8A TRIACS
REV. 6
February 2006
SNUBBERLESS™, LOGIC LEVEL & STANDARD
Table 2: Order Codes
Part Number
Marking
BTA08-xxxxxRG
See page table 8 on
page 10
BTB08-xxxxxRG
T8xx-xxxG
T8xx-xxxH
T8xx-xxxB
A2
A2
G
A1
D2PAK
(T8-G)
G
A2
A1
G
A2
A2
A1
TO-220AB Insulated
(BTA08)
TO-220AB
(BTB08)
A2
A2
A1
G
IPAK
(T8-H)
A2
A1
G
A2
A2
A1
G
DPAK
(T8-B)


Similar Part No. - T810-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
HIGH PERFORMANCE TRIACS
May-1998
T810-600B STMICROELECTRONICS-T810-600B Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
8A TRIACS
logo
STMicroelectronics
T810-600B STMICROELECTRONICS-T810-600B Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
logo
HAOPIN MICROELECTRONICS...
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
More results

Similar Description - T810-600B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
8A TRIACS
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
8A TRIACS
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
8A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com