Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F55 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # F55
Description  Stackable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

F55 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  F55 Datasheet HTML 1Page - Ohmite Mfg. Co. F55 Datasheet HTML 2Page - Ohmite Mfg. Co. F55 Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
111
Series Wattage
Length L
Length A
F10
10
0.750 / 19.050
1.000 / 25.400
F20
20
2.000 / 50.800
2.313 / 58.750
F30
30
1.250 / 31.750
2.000 / 50.800
F40
40
2.000 / 50.800
2.750 / 69.850
F55
55
3.500 / 88.900
4.250 / 107.950
0.625"
15.875 mm
0.031"
0.794 mm
0.125"
3.175 mm
Diam.
0.063"
1.588 mm
Diam.
0.125"
3.175 mm
L
A
0.110":
2.776 mm
0.250"
6.350 mm
0.375"
9.525 mm
10W & 20W
0.125"
3.175 mm
0.188"
4.763 mm
Diam.
0.109"
2.776 mm
Diam.
0.196"
4.979 mm
L
A
0.250"
6.350 mm
0.125"
3.175 mm
0.438"
11.113 mm
30W, 40W & 55W
0.125" *
3.175 mm
0.250" *
6.350 mm
*Reference dimension only; varies according to resistance
value.
Note:
When resistors are stacked, use washers or spacers
as required to insure clearance and improve power dissipa-
tion.
250 Series
‘Thin’ Stackohm®
Vitreous Enamel Power
dime NS i ONS
(in. / mm)
0.625"
15.875 mm
0.031"
0.794 mm
0.125"
3.175 mm
Diam.
0.063"
1.588 mm
Diam.
0.125"
3.175 mm
L
A
0.110":
2.776 mm
0.250"
6.350 mm
0.375"
9.525 mm
0.125"
3.175 mm
0.188"
4.763 mm
Diam.
0.109"
2.776 mm
Diam.
0.196"
4.979 mm
L
A
0.250"
6.350 mm
0.125"
3.175 mm
0.438"
11.113 mm
T
T
B
W
W
B
0.094"
2.381 mm
0.125"
3.175 mm
Diam.
0.063"
1.588 mm
Diam.
0.196"
4.979 mm
L
A
0.125"
3.175 mm
0.438"
11.113 mm
T
B
0.813"
20.638 mm
Core
size
Core
size
Core
size
0.125"
3.175 mm
0.188"
4.763 mm
Diam.
0.109"
2.776 mm
Diam.
0.196"
4.979 mm
L
A
0.125"
3.175 mm
0.438"
11.113 mm
(SS)
T
B
W
Core
size
0.188"
4.763 mm
0.250"
6.350 mm
0.531"
13.494 mm
(SSH)
0.125"
3.175 mm
0.188"
4.763 mm
Diam.
0.109"
2.776 mm
0.156" x0.313"
3.969 x 7.938 mm
Slot
L
A
0.5"
12.7 mm
T
B
W
Core
size
0.188"
4.763 mm
Brackets
cemented
in core
mO u N ti N g
Inadditiontothestandardboxbracket,studtypebrackets
areavailableforstackingthestandardsizeresistors.Stud
typebracketsareavailableintwoheights:standard(SS,
0.437”/11.113mm)andhigh(SSH,0.531”/13.494mm).The
SSHstudisrecommendedwhenstackingtheadjustableType
260,asitassuresclearancefortheadjustablelugstopass
eachother.SpacerwasherNo.6027(O.D.0.219”/5.556mm,
I.D.0.125”/3.175mm,thickness0.094”/2.381mm)isrecom-
mendedforusewiththeminiatureadjustableandfixedresis-
torstoprovideclearance,asexplainedabove,orincreased
wattage.Seechart.
Derating for stacked mounting
Stackedresistorsshouldbederatedtopreventexcessivetem-
peraturesduetoproximity.Approximateratingsaregivenin
thetable.
2
70
70
75
3
60
60
69
4
50
50
60
Miniature with
0.094” (2.381 mm)
Spacer Washer
Miniature
Std. or Inter.
Percent of Single Unit Rating
No. of
Resistors
(continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com