Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLUX285ATR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 84Page - STMicroelectronics STLUX285ATR Datasheet HTML 85Page - STMicroelectronics STLUX285ATR Datasheet HTML 86Page - STMicroelectronics STLUX285ATR Datasheet HTML 87Page - STMicroelectronics STLUX285ATR Datasheet HTML 88Page - STMicroelectronics STLUX285ATR Datasheet HTML 89Page - STMicroelectronics STLUX285ATR Datasheet HTML 90Page - STMicroelectronics STLUX285ATR Datasheet HTML 91Page - STMicroelectronics STLUX285ATR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
Electrical characteristics
STLUX
88/126
DocID027870 Rev 1
IC supply base current consumption
Table 72 summarizes the current consumption measured on VDD/VDDA supply pins in
relevant operative conditions.
Table 72. Supply base current consumption at VDD/VDDA = 3.3/5 V
Symbol
Code
Clock
Peripheral Consumption(1)
1. Data based on characterization results not tested in production.
Note
Op. mode
Code
area
fMASTER
fCPU Periph(2), (3)
2.
Allmeans: I2C, UART, DALI, ITC, GPIO0, SysTmr, WWDG and IWDG peripherals active.
3. The peripheral current consumption is supplied by the VCORE voltage (1.8 V).
Typ.(4)
4. Temperature operating: TA = 25 °C.
Max.(4)
Description
Source MHz
MHz
Enb/Dis
mA
mA
IDD(Run1)
Flash
HSI
2
2
All
2.3
2.77
Reset exit condition
IDD(Run2)
Flash
HSI
16
16
All
9.4
11.3
IDD(Run3)
RAM
HSI
16
16
All
4.2
5.1
IDD(Run4)
Flash
HSE(5)
5. HSE frequency provided by external quartz.
16
16
All
10.0
12.1
VDD/VDDA = 3.3 V
10.6
12.74
VDD/VDDA = 5 V
IDD(Run5)
RAM
HSE(5)
16
16
All
4.6
5.53
VDD/VDDA = 3.3 V
5.2
6.63
VDD/VDDA = 5 V
IDD(SLOW1)
Flash
HSI
16
2
All
3.6
4.33
IDD(SLOW2)
RAM
HSI
16
2
All
2.9
3.5
IDD(SLOW3)
Flash
HSE(5)
16
2
All
3.9
4.7
VDD/VDDA = 3.3 V
4.5
5.5
VDD/VDDA = 5 V
IDD(SLOW4)
Flash
HSI
16
0.125
All
2.7
3.3
IDD(SLOW5)
Flash
HSE(5)
16
0.125
All
3.0
3.7
VDD/VDDA = 3.3 V
3.6
4.4
VDD/VDDA = 5 V
IDD(SLOW6)
Flash
LSI
0.153 0.153
All
1.5
1.9
IDD(WFI1)
Flash
HSI
16
16
All
2.6
3.2
IDD(WFI2)
Flash
HSE(5)
16
16
All
3.1
3.8
VDD/VDDA = 3.3 V
3.8
5.6
VDD/VDDA = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com