Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL31E8X Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AL31E8X Datasheet HTML 1Page - STMicroelectronics STM8AL31E8X Datasheet HTML 2Page - STMicroelectronics STM8AL31E8X Datasheet HTML 3Page - STMicroelectronics STM8AL31E8X Datasheet HTML 4Page - STMicroelectronics STM8AL31E8X Datasheet HTML 5Page - STMicroelectronics STM8AL31E8X Datasheet HTML 6Page - STMicroelectronics STM8AL31E8X Datasheet HTML 7Page - STMicroelectronics STM8AL31E8X Datasheet HTML 8Page - STMicroelectronics STM8AL31E8X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
This is information on a product in full production.
December 2016
DocID027180 Rev 5
1/133
STM8AL31E8x STM8AL3LE8x
Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM,
RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
Datasheet
- production data
Features
• AEC-Q100 grade 1 qualified
• Operating conditions
– Operating power supply range 1.8 V to
3.6 V (down to 1.65 V at power down)
– Temp. range: -40 to 85 or 125 °C
• Low-power features
– 5 low-power modes: Wait, Low-power run
(5.9 µA), Low-power wait (3 µA), Active-
halt with full RTC (1.4 µA), Halt (400 nA)
– Consumption: 200 µA/MHz+330 µA
– Fast wake up from Halt mode (4.7 µs)
– Ultra-low leakage per I/0: 50 nA
• Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq: 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
• Reset and supply management
– Low power, ultra safe BOR reset with 5
programmable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
• Clock management
– 32 kHz and 1-16 MHz crystal oscillators
– Internal 16 MHz factory-trimmed RC and
38 kHz low consumption RC
– Clock security system
• Low-power RTC
– BCD calendar with alarm interrupt,
– Digital calibration with +/- 0.5ppm accuracy
– Advanced anti-tamper detection
• DMA
– 4 ch. for ADC, encryption hardware
accelerator (AES), DACs, SPIs, I2C,
USARTs, Timers, 1 ch. for memory-to-
memory
• LCD: 8x40 or 4x44 w/ step-up converter
• 12-bit ADC up to 1 Msps /
28 channels,
– Temp. sensor and internal ref.
voltage
• Memories
– Up to 64 Kbytes of Flash with up to
2 Kbytes of data EEPROM with ECC and
RWW
– Flexible write/read protection modes
– Up to 4 Kbytes of RAM
• 2x12-bit DAC (dual mode) with output buffer
• 2 ultra-low-power comparators
– 1 with fixed threshold and 1 rail to rail
– Wakeup capability
• Timers
– Three 16-bit timers with 2 channels (IC,
OC, PWM), quadrature encoder
– One 16-bit advanced control timer with 3
channels, supporting motor control
– One 8-bit timer with 7-bit prescaler
– One window and one independent
watchdog
– Beeper timer with 1, 2 or 4 kHz frequencies
• Communication interfaces
– Two synchronous serial interface (SPI)
–Fast I2C 400 kHz SMBus and PMBus
– Three USARTs (IrDA, LIN 1.3, LIN2.0)
• Up to 67 I/Os, all mappable on interrupt vectors
• Fast on-chip programming and non-intrusive
debugging with SWIM, Bootloader using
USART
• 96-bit unique ID
LQFP80
LQFP64
LQFP48
14x14 mm
10x10 mm
7x7 mm
www.st.com


Similar Part No. - STM8AL31E8X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AL31E88 STMICROELECTRONICS-STM8AL31E88 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL31E89 STMICROELECTRONICS-STM8AL31E89 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL31E8A STMICROELECTRONICS-STM8AL31E8A Datasheet
258Kb / 18P
device limitations
11-Sep-2015
More results

Similar Description - STM8AL31E8X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8L152C8T6 STMICROELECTRONICS-STM8L152C8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
18-Oct-2016
STM8AL318X STMICROELECTRONICS-STM8AL318X Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com