Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL318X Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8AL318X
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL318X Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8AL318X Datasheet HTML 79Page - STMicroelectronics STM8AL318X Datasheet HTML 80Page - STMicroelectronics STM8AL318X Datasheet HTML 81Page - STMicroelectronics STM8AL318X Datasheet HTML 82Page - STMicroelectronics STM8AL318X Datasheet HTML 83Page - STMicroelectronics STM8AL318X Datasheet HTML 84Page - STMicroelectronics STM8AL318X Datasheet HTML 85Page - STMicroelectronics STM8AL318X Datasheet HTML 86Page - STMicroelectronics STM8AL318X Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 131 page
background image
DocID027179 Rev 6
83/131
STM8AL318x STM8AL3L8x
Electrical parameters
117
9.3.4
Clock and timing characteristics
HSE external clock (HSEBYP = 1 in CLK_ECKCR)
Subject to general operating conditions for VDD and TA.
5. Data based on a differential IDD measurement between DAC in reset configuration and continuous DAC conversion of
VDD /2. Floating DAC output.
6. Data based on a differential IDD measurement between COMP1 or COMP2 in reset configuration and COMP1 or COMP2
enabled with static inputs. Supply current of internal reference voltage excluded.
7. Including supply current of internal reference voltage.
Table 29. Current consumption under external reset
Symbol
Parameter
Conditions
Typ.
Unit
IDD(RST)
Supply current under
external reset (1)
PB1/PB3/PA5 pins are
externally tied to VDD
VDD = 1.8 V
48
µA
VDD = 3 V
80
VDD = 3.6 V
95
1. All pins except PA0, PB0 and PB4 are floating under reset. PA0, PB0 and PB4 are configured with pull-up under reset.
PB1, PB3 and PA5 must be tied externally under reset to avoid the consumption due to their schmitt trigger.
Table 30. HSE external clock characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fHSE_ext(1)
External clock source
frequency
-
1-
16
MHz
VHSEH
OSC_IN input pin high-
level voltage
0.7 x VDD
-VDD
V
VHSEL
OSC_IN input pin low-
level voltage
VSS
-
0.3 x VDD
Cin(HSE)(1) OSC_IN input capacitance
-
-
2.6
-
pF
ILEAK_HSE
OSC_IN input leakage
current
VSS < VIN < VDD
--
±500
nA
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com