Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL318X Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM8AL318X
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL318X Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM8AL318X Datasheet HTML 106Page - STMicroelectronics STM8AL318X Datasheet HTML 107Page - STMicroelectronics STM8AL318X Datasheet HTML 108Page - STMicroelectronics STM8AL318X Datasheet HTML 109Page - STMicroelectronics STM8AL318X Datasheet HTML 110Page - STMicroelectronics STM8AL318X Datasheet HTML 111Page - STMicroelectronics STM8AL318X Datasheet HTML 112Page - STMicroelectronics STM8AL318X Datasheet HTML 113Page - STMicroelectronics STM8AL318X Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
Electrical parameters
STM8AL318x STM8AL3L8x
110/131
DocID027179 Rev 6
9.3.14
12-bit ADC1 characteristics
In the following table, data are guaranteed by design, not tested in production.
Table 56. ADC1 characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply
voltage
2.4 V
≤VDDA≤ 3.6 V
2.4
-
VDDA
V
1.8 V
≤VDDA≤ 2.4 V
VDDA
V
VREF-
Lower reference voltage
-
VSSA
V
IVDDA
Current on the VDDA
input pin
-
-
1000
1450
µA
IVREF+
Current on the VREF+
input pin
--
400
700
(peak)(1)
µA
--
450
(average)(1)
µA
VAIN
Conversion voltage
range
-
0(2)
-
VREF+
TA
Temperature range
-
-40
-
125
°C
RAIN
External resistance on
VAIN
on PF0/1/2/3 fast
channels
--
50(3)
k
Ω
on all other channels
-
-
CADC
Internal sample and hold
capacitor
on PF0/1/2/3 fast
channels
-
16
-
pF
on all other channels
-
-
fADC
ADC sampling clock
frequency
2.4 V
≤VDDA≤3.6 V
without zooming
0.320
-
16
MHz
1.8 V
≤VDDA≤2.4 V
with zooming
0.320
-
8
MHz
fCONV
12-bit conversion rate
VAIN on PF0/1/2/3 fast
channels
--
1(3)(4)
MHz
VAIN on all other
channels
--
760(3)(4)
kHz
fTRIG
External trigger
frequency
--
-
tconv
1/fADC
tLAT
External trigger latency
-
-
-
3.5
1/fSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com