Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL318X Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM8AL318X
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL318X Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM8AL318X Datasheet HTML 123Page - STMicroelectronics STM8AL318X Datasheet HTML 124Page - STMicroelectronics STM8AL318X Datasheet HTML 125Page - STMicroelectronics STM8AL318X Datasheet HTML 126Page - STMicroelectronics STM8AL318X Datasheet HTML 127Page - STMicroelectronics STM8AL318X Datasheet HTML 128Page - STMicroelectronics STM8AL318X Datasheet HTML 129Page - STMicroelectronics STM8AL318X Datasheet HTML 130Page - STMicroelectronics STM8AL318X Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 131 page
background image
DocID027179 Rev 6
129/131
STM8AL318x STM8AL3L8x
Ordering information
129
11
Ordering information
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please go to www.st.com or contact the
nearest ST sales office.
Table 68. Ordering information scheme
Example:
STM8 AL 31
8
A
T C
Y
Device family
STM8 microcontroller
Product type
AL = automotive low-power(1)
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
Device subfamily
31: standard devices
3L: devices with LCD
Program memory size
8 = 64 Kbytes of Flash memory
Pin count
A = 80 pins
9 = 64 pins
8 = 48 pins
Package
T = LQFP
Temperature range
C = -40 to 125 °C
A = -40 to 85 °C
Packing
Y = tray
X = Tape and reel compliant with EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com