Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 85Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 86Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 87Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 88Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 89Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 90Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 91Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 92Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 133 page
background image
DocID027180 Rev 5
89/133
STM8AL31E8x STM8AL3LE8x
Electrical parameters
119
Figure 23. Typical HSI frequency vs. VDD
Table 34. HSI oscillator characteristics
Symbol
Parameter
Conditions(1)
Min.
Typ.
Max.
Unit
fHSI
Frequency
VDD = 3.0 V
-
16
-
MHz
ACCHSI
HSI oscillator user
trimming accuracy
Trimmed by the application for any VDD
and TA conditions
-1
-
1
%
HSI oscillator accuracy
(factory calibrated)
VDD ≤1.8 V≤ VDD ≤ 3.6 V
-40 °C
≤TA ≤ 125 °C
-5
-
5
TRIM
HSI user trimming
step(2)
Trimming code
≠ multiple of 16
-
0.4
0.7(2)
%
Trimming code = multiple of 16
-
-
± 1.5(2)
tsu(HSI)
HSI oscillator setup
time (wakeup time)
--
3.7
6 (3)
µs
IDD(HSI)
HSI oscillator power
consumption
-
-
100
140(3)
µA
1. VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
2. The trimming step differs depending on the trimming code. It is usually negative on the codes which are multiples of 16
(0x00, 0x10, 0x20, 0x30...0xE0). Refer to the AN3101 “STM8L15x internal RC oscillator calibration” application note for
more details.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com