Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 102Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 103Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 104Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 105Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 106Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 107Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 108Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 109Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 133 page
background image
Electrical parameters
STM8AL31E8x STM8AL3LE8x
106/133
DocID027180 Rev 5
9.3.10
Embedded reference voltage
In the following table, data are based on characterization results, not tested in production,
unless otherwise specified.
Table 49. Reference voltage characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IREFINT
Internal reference voltage
consumption
-
-
1.4
-
µA
TS_VREFINT(1)(2)
ADC sampling time when reading the
internal reference voltage
--
5
10
µs
IBUF(1)
Internal reference voltage buffer
consumption (used for ADC)
-
-
13.5
25
µA
VREFINT out
Reference voltage output
-
1.202
(3)
1.224
1.242
(3)
V
ILPBUF(1)
Internal reference voltage low-power
buffer consumption (used for
comparators or output)
-
-
730
1200
nA
IREFOUT(1)(4)
Buffer output current
-
-
-
1
µA
CREFOUT
Reference voltage output load
-
-
-
50
pF
tVREFINT(1)
Internal reference voltage startup
time
--
2
3
ms
tBUFEN(1)(2)
Internal reference voltage buffer
startup time once enabled
--
-
10
µs
ACCVREFINT(5)
Accuracy of VREFINT stored in the
VREFINT_Factory_CONV byte
--
-
± 5
mV
STABVREFINT
Stability of VREFINT over temperature -40 °C ≤TA ≤ 125 °C
-
20
50
ppm/°C
Stability of VREFINT over temperature
0 °C
≤TA ≤ 50 °C
-
-
20
ppm/°C
STABVREFINT Stability of VREFINT after 1000 hours
-
-
-
TBD
ppm
1. Guaranteed by design.
2. Defined when ADC output reaches its final value ±1/2LSB
3. Tested in production at VDD = 3 V ±10 mV.
4. To guarantee less than 1%
VREFOUT deviation
5. Measured at VDD = 3 V ±10 mV. This value takes into account VDD accuracy and ADC conversion accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com