Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3L8x Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 93Page - STMicroelectronics STM8AL3L8x Datasheet HTML 94Page - STMicroelectronics STM8AL3L8x Datasheet HTML 95Page - STMicroelectronics STM8AL3L8x Datasheet HTML 96Page - STMicroelectronics STM8AL3L8x Datasheet HTML 97Page - STMicroelectronics STM8AL3L8x Datasheet HTML 98Page - STMicroelectronics STM8AL3L8x Datasheet HTML 99Page - STMicroelectronics STM8AL3L8x Datasheet HTML 100Page - STMicroelectronics STM8AL3L8x Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
DocID027179 Rev 6
97/131
STM8AL318x STM8AL3L8x
Electrical parameters
117
Figure 36. Typical NRST pull-up current Ipu vs. VDD
The reset network shown in Figure 37 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin goes below the VIL max. level specified in
Table 45. Otherwise the reset is not taken into account internally. For power consumption-
sensitive applications, the capacity of the external reset capacitor has to be reduced to limit
the charge/discharge current. If the NRST signal is used to reset the external circuitry, the
user must pay attention to the charge/discharge time of the external capacitor to meet the
reset timing conditions of the external devices. The minimum recommended capacity is 10
nF.
Figure 37. Recommended NRST pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com