Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303XD Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 74Page - STMicroelectronics STM32F303XD Datasheet HTML 75Page - STMicroelectronics STM32F303XD Datasheet HTML 76Page - STMicroelectronics STM32F303XD Datasheet HTML 77Page - STMicroelectronics STM32F303XD Datasheet HTML 78Page - STMicroelectronics STM32F303XD Datasheet HTML 79Page - STMicroelectronics STM32F303XD Datasheet HTML 80Page - STMicroelectronics STM32F303XD Datasheet HTML 81Page - STMicroelectronics STM32F303XD Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
78/173
DocID026415 Rev 5
Table 28. Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
1.72 1.85 1.97 2.10 2.25 2.41 10.7
11
12
µA
Supply
current in
Standby
mode
LSI ON and IWDG ON 2.08 2.26 2.43 2.61 2.82 3.05
-
-
-
LSI OFF and IWDG
OFF
1.60 1.73 1.85 1.98 2.13 2.29
3.6
4
6
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
1.00 1.02 1.05 1.10 1.16 1.24
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON 1.36 1.43 1.51 1.61 1.74 1.88
-
-
-
LSI OFF and IWDG
OFF
0.88 0.90 0.93 0.98 1.05 1.12
-
-
-
1. Data based on characterization results, not tested in production.
Table 29. Typical and maximum current consumption from VBAT supply
Symbol
Para
meter
Conditions
(1)
Typ @VBAT
Max
@VBAT = 3.6 V(2)
Unit
1.65V
1.8V
2V
2.4V 2.7V
3V
3.3V 3.6V
TA =
25°C
TA =
85°C
TA =
105°C
IDD_VBAT
Backup
domain
supply
current
LSE & RTC
ON; “Xtal
mode” lower
driving
capability;
LSEDRV[1:
0] = '00'
0.48
0.50 0.52 0.58
0.65 0.72 0.80 0.90
1.1
1.5
2.0
µA
LSE & RTC
ON; “Xtal
mode”
higher
driving
capability;
LSEDRV[1:
0] = '11'
0.83
0.86 0.90 0.98
1.03 1.10 1.20 1.30
1.5
2.2
2.9
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com