Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303RE Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32F303RE
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RE Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32F303RE Datasheet HTML 135Page - STMicroelectronics STM32F303RE Datasheet HTML 136Page - STMicroelectronics STM32F303RE Datasheet HTML 137Page - STMicroelectronics STM32F303RE Datasheet HTML 138Page - STMicroelectronics STM32F303RE Datasheet HTML 139Page - STMicroelectronics STM32F303RE Datasheet HTML 140Page - STMicroelectronics STM32F303RE Datasheet HTML 141Page - STMicroelectronics STM32F303RE Datasheet HTML 142Page - STMicroelectronics STM32F303RE Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 173 page
background image
DocID026415 Rev 5
139/173
STM32F303xD STM32F303xE
Electrical characteristics
151
EL
Integral
linearity
error
ADC clock freq.
≤ 72 MHz,
Sampling freq.
≤ 5 Msps,
2.0 V
≤ VDDA, VREF+ ≤ 3.6 V
100-pin/144-pin package
Single
Ended
Fast channel 5.1 Ms
-
±2
LSB
Slow channel 4.8 Ms
-
±3
Differential
Fast channel 5.1 Ms
-
±2
Slow channel 4.8 Ms
-
±2
ENOB
(5)
Effective
number of
bits
Single
Ended
Fast channel 5.1 Ms
10.4
-
bits
Slow channel 4.8 Ms
10.2
-
Differential
Fast channel 5.1 Ms
10.8
-
Slow channel 4.8 Ms
10.8
-
SINAD
(5)
Signal-to-
noise and
distortion
ratio
Single
Ended
Fast channel 5.1 Ms
64
-
dB
Slow channel 4.8 Ms
63
-
Differential
Fast channel 5.1 Ms
67
-
Slow channel 4.8 Ms
67
-
SNR(5)
Signal-to-
noise ratio
Single
Ended
Fast channel 5.1 Ms
64
-
Slow channel 4.8 Ms
64
-
Differential
Fast channel 5.1 Ms
67
-
Slow channel 4.8 Ms
67
-
THD(5)
Total
harmonic
distortion
Single
Ended
Fast channel 5.1 Ms
-
74
Slow channel 4.8 Ms
-
-74
Differential
Fast channel 5.1 Ms
-
-78
Slow channel 4.8 Ms
-
-76
1. ADC DC accuracy values are measured after internal calibration.
2. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.15 does not affect the ADC
accuracy.
3. Better performance may be achieved in restricted VDDA, frequency and temperature ranges.
4. Data based on characterization results, not tested in production.
5. Value measured with a -0.5 dB full scale 50 kHz sine wave input signal.
Table 82. ADC accuracy, 100-pin/144-pin packages(1)(2)(3) (continued)
Symbol Parameter
Conditions
Min (4) Max(4) Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com