Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303RE Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F303RE
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RE Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F303RE Datasheet HTML 136Page - STMicroelectronics STM32F303RE Datasheet HTML 137Page - STMicroelectronics STM32F303RE Datasheet HTML 138Page - STMicroelectronics STM32F303RE Datasheet HTML 139Page - STMicroelectronics STM32F303RE Datasheet HTML 140Page - STMicroelectronics STM32F303RE Datasheet HTML 141Page - STMicroelectronics STM32F303RE Datasheet HTML 142Page - STMicroelectronics STM32F303RE Datasheet HTML 143Page - STMicroelectronics STM32F303RE Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
140/173
DocID026415 Rev 5
Table 83. ADC accuracy - limited test conditions, 64-pin packages(1)(2)
Symbol Parameter
Conditions
Min
(3)
Typ
Max
(3)
Unit
ET
Total
unadjusted
error
ADC clock freq.
≤ 72 MHz
Sampling freq.
≤ 5 Msps
VDDA = 3.3 V
25°C
64-pin package
Single ended
Fast channel 5.1 Ms
-
±4
±4.5
LSB
Slow channel 4.8 Ms
-
±5.5
±6
Differential
Fast channel 5.1 Ms
-
±3.5
±4
Slow channel 4.8 Ms
-
±3.5
±4
EO
Offset error
Single ended
Fast channel 5.1 Ms
-
±2
±2
Slow channel 4.8 Ms
-
±1.5
±2
Differential
Fast channel 5.1 Ms
-
±1.5
±2
Slow channel 4.8 Ms
-
±1.5
±2
EG
Gain error
Single ended
Fast channel 5.1 Ms
-
±3
±4
Slow channel 4.8 Ms
-
±5
±5.5
Differential
Fast channel 5.1 Ms
-
±3
±3
Slow channel 4.8 Ms
-
±3
±3.5
ED
Differential
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1
±1
Slow channel 4.8 Ms
-
±1
±1
Differential
Fast channel 5.1 Ms
-
±1
±1
Slow channel 4.8 Ms
-
±1
±1
EL
Integral
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1.5
±2
Slow channel 4.8 Ms
-
±2
±3
Differential
Fast channel 5.1 Ms
-
±1.5 ±1.5
Slow channel 4.8 Ms
-
±1.5
±2
ENOB
(4)
Effective
number of
bits
Single ended
Fast channel 5.1 Ms
10.8 10.8
-
bit
Slow channel 4.8 Ms 10.8 10.8
-
Differential
Fast channel 5.1 Ms
11.2 11.3
-
Slow channel 4.8 Ms 11.2 11.3
-
SINAD
(4)
Signal-to-
noise and
distortion
ratio
Single ended
Fast channel 5.1 Ms
66
67
-
dB
Slow channel 4.8 Ms
66
67
-
Differential
Fast channel 5.1 Ms
69
70
-
Slow channel 4.8 Ms
69
70
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com