Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F446RC Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F446RC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F446RC Datasheet HTML 88Page - STMicroelectronics STM32F446RC Datasheet HTML 89Page - STMicroelectronics STM32F446RC Datasheet HTML 90Page - STMicroelectronics STM32F446RC Datasheet HTML 91Page - STMicroelectronics STM32F446RC Datasheet HTML 92Page - STMicroelectronics STM32F446RC Datasheet HTML 93Page - STMicroelectronics STM32F446RC Datasheet HTML 94Page - STMicroelectronics STM32F446RC Datasheet HTML 95Page - STMicroelectronics STM32F446RC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 202 page
background image
Electrical characteristics
STM32F446xC/E
92/202
DocID027107 Rev 6
Figure 22. Typical VBAT current consumption
(RTC ON/backup RAM OFF and LSE in high drive mode)
Additional current consumption
The MCU is placed under the following conditions:
•
All I/O pins are configured in analog mode.
•
The Flash memory access time is adjusted to fHCLK frequency.
•
The voltage scaling is adjusted to fHCLK frequency as follows:
–
Scale 3 for fHCLK ≤ 120 MHz,
–
Scale 2 for 120 MHz < fHCLK ≤ 144 MHz
–
Scale 1 for 144 MHz < fHCLK ≤ 180 MHz. The over-drive is only ON at 180 MHz.
•
The system clock is HCLK, fPCLK1 = fHCLK/4, and fPCLK2 = fHCLK/2.
•
HSE crystal clock frequency is 8 MHz.
•
Flash is enabled except if explicitly mentioned as disable.
•
When the regulator is OFF, V12 is provided externally as described in Table 16:
General operating conditions
•
TA= 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com