Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3121F Datasheet(PDF) 7 Page - Rohm

Part # BA3121F
Description  Ground Isolation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3121F Datasheet(HTML) 7 Page - Rohm

Back Button BA3121F Datasheet HTML 3Page - Rohm BA3121F Datasheet HTML 4Page - Rohm BA3121F Datasheet HTML 5Page - Rohm BA3121F Datasheet HTML 6Page - Rohm BA3121F Datasheet HTML 7Page - Rohm BA3121F Datasheet HTML 8Page - Rohm BA3121F Datasheet HTML 9Page - Rohm BA3121F Datasheet HTML 10Page - Rohm BA3121F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BA3121F
7/12
TSZ02201-0C2C0EZ00390-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
13.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Application Information
1.
Circuit Operation
Figure 13. Flow of Noise in Car Audio Systems
Car audio systems are grounded to the car body. For
this reason, electrical noise generated by the car
electrical system can enter the power amplifier input
through the chassis and become audible.
BA3121F utilizes the common-mode rejection
characteristics of an operational amplifier to eliminate
this noise. Without BA3121F noise enters the power
amplifier inputs directly. With BA3121F, the CMRR of
operational amplifiers 1-A and 2-A eliminates the noise.
Principle of noise elimination:
To obtain the output voltage (eO)
Figure 14. The Principle of Noise Rejection
With BA3121F, the elimination level of
the noise is expressed as:
CMRR = 20log (eO/eI)(eI = e1 = e2)
Therefore, CMRR
≥ 41dB can be guaranteed.
From
① and ②
2
4
3
1
3
2
4
1
2
1
1
2
2
4
3
4
1
2
1
1
1
2
)
(
-
-
-
)
(
-
e
R
R
R
R
R
R
R
e
e
R
R
e
R
R
R
R
R
R
e
R
R
e
O
Ideally, if R1R4 = R2R3, and e1 = e2, the noise voltage will
be zero. However, due to resistor mismatch, difference in the noise voltages (e1 and e2),
and tolerances in the operational amplifier, a noise voltage is generated.
i
O
i
V
R
R
R
e
R
R
e
e
R
R
R
V
1
2
1
1
1
2
2
4
3
4
①
②



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com