Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F745VE Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F745VE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F745VE Datasheet HTML 12Page - STMicroelectronics STM32F745VE Datasheet HTML 13Page - STMicroelectronics STM32F745VE Datasheet HTML 14Page - STMicroelectronics STM32F745VE Datasheet HTML 15Page - STMicroelectronics STM32F745VE Datasheet HTML 16Page - STMicroelectronics STM32F745VE Datasheet HTML 17Page - STMicroelectronics STM32F745VE Datasheet HTML 18Page - STMicroelectronics STM32F745VE Datasheet HTML 19Page - STMicroelectronics STM32F745VE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 227 page
background image
Description
STM32F745xx STM32F746xx
16/227
DocID027590 Rev 4
Figure 2. STM32F745xx and STM32F746xx block diagram
1. The timers connected to APB2 are clocked from TIMxCLK up to 216 MHz, while the timers connected to APB1 are clocked
from TIMxCLK either up to 108 MHz or 216 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More