Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F745VE Datasheet(PDF) 225 Page - STMicroelectronics

Part # STM32F745VE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VE Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32F745VE Datasheet HTML 219Page - STMicroelectronics STM32F745VE Datasheet HTML 220Page - STMicroelectronics STM32F745VE Datasheet HTML 221Page - STMicroelectronics STM32F745VE Datasheet HTML 222Page - STMicroelectronics STM32F745VE Datasheet HTML 223Page - STMicroelectronics STM32F745VE Datasheet HTML 224Page - STMicroelectronics STM32F745VE Datasheet HTML 225Page - STMicroelectronics STM32F745VE Datasheet HTML 226Page - STMicroelectronics STM32F745VE Datasheet HTML 227Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 225 / 227 page
background image
DocID027590 Rev 4
225/227
STM32F745xx STM32F746xx
Revision history
226
Revision history
Table 127. Document revision history
Date
Revision
Changes
26-May-2015
1
Initial release.
20-Oct-2015
2
Updated Table 53: ESD absolute maximum ratings adding packages.
Updated note of Table 32: Typical and maximum current consumptions
in Standby mode.
Updated Figure 11: STM32F74xVx LQFP100 pinout replacing PB13
and PB14 by PE13 and PE14.
Updated Table 51: EMS characteristics replacing 168 MHz by
216 MHz.
Updated Section 2.9: Quad-SPI memory interface (QUADSPI)
removing ‘STM32F75xx’.
Updated Section 2.22.2: General-purpose timers (TIMx) and
Section 2.43: Embedded Trace Macrocell™ modifying STM32F756xx
by STM32F74xxx.
Updated Section 2.1: ARM® Cortex®-M7 with FPU modifying
STM32F756xx family by STM32F745xx and STM32F746xx devices.
Removed Table 86. Ethernet DC electrical characteristics.
Updated all the notes removing ‘not tested in production’.
Updated Table 43: Main PLL characteristics, Table 44: PLLI2S
characteristics and Table 45: PLLISAI characteristics fVCO_OUT
output at min value ‘100’ and VCO freq at 100 MHz.
Updated Table 13: STM32F745xx and STM32F746xx register
boundary addresses replacing cortex-M4 by Cortex-M7.
Updated Table 87: Dynamics characteristics: Ethernet MAC signals for
MII td (TXEN) and td (TXD) min value at 6.5 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com