Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F745VG Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F745VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VG Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F745VG Datasheet HTML 74Page - STMicroelectronics STM32F745VG Datasheet HTML 75Page - STMicroelectronics STM32F745VG Datasheet HTML 76Page - STMicroelectronics STM32F745VG Datasheet HTML 77Page - STMicroelectronics STM32F745VG Datasheet HTML 78Page - STMicroelectronics STM32F745VG Datasheet HTML 79Page - STMicroelectronics STM32F745VG Datasheet HTML 80Page - STMicroelectronics STM32F745VG Datasheet HTML 81Page - STMicroelectronics STM32F745VG Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 227 page
background image
Port B
PB9
-
-
TIM4_C
H4
TIM11_CH
1
I2C1_SD
A
SPI2_NS
S/I2S2_
WS
--
-
CAN1_T
X
--
SDMMC
1_D5
DCMI_D
7
LCD_B7
EVEN
TOUT
PB10
-
TIM2_C
H3
--
I2C2_SC
L
SPI2_SC
K/I2S2_
CK
-
USART3
_TX
--
OTG_HS_
ULPI_D3
ETH_MII_
RX_ER
-
-
LCD_G4
EVEN
TOUT
PB11
-
TIM2_C
H4
--
I2C2_SD
A
--
USART3
_RX
--
OTG_HS_
ULPI_D4
ETH_MII_
TX_EN/E
TH_RMII_
TX_EN
-
-
LCD_G5
EVEN
TOUT
PB12
-
TIM1_B
KIN
--
I2C2_SM
BA
SPI2_NS
S/I2S2_
WS
-
USART3
_CK
-
CAN2_R
X
OTG_HS_
ULPI_D5
ETH_MII_
TXD0/ET
H_RMII_T
XD0
OTG_HS
_ID
--
EVEN
TOUT
PB13
-
TIM1_C
H1N
--
-
SPI2_SC
K/I2S2_
CK
-
USART3
_CTS
-
CAN2_T
X
OTG_HS_
ULPI_D6
ETH_MII_
TXD1/ET
H_RMII_T
XD1
---
EVEN
TOUT
PB14
-
TIM1_C
H2N
-
TIM8_CH
2N
-
SPI2_MI
SO
-
USART3
_RTS
-
TIM12_C
H1
--
OTG_HS
_DM
--
EVEN
TOUT
PB15
RTC_R
EFIN
TIM1_C
H3N
-
TIM8_CH
3N
-
SPI2_M
OSI/I2S2
_SD
--
-
TIM12_C
H2
--
OTG_HS
_DP
--
EVEN
TOUT
Port C
PC0
-
--
-
-
--
-
SAI2_FS
_B
-
OTG_HS_
ULPI_ST
P
-
FMC_SD
NWE
-
LCD_R5
EVEN
TOUT
PC1
TRACE
D0
--
-
-
SPI2_M
OSI/I2S2
_SD
SAI1_SD
_A
---
-
ETH_MD
C
---
EVEN
TOUT
PC2
-
-
-
-
-
SPI2_MI
SO
-
---
OTG_HS_
ULPI_DIR
ETH_MII_
TXD2
FMC_SD
NE0
--
EVEN
TOUT
PC3
-
-
-
-
-
SPI2_M
OSI/I2S2
_SD
-
---
OTG_HS_
ULPI_NX
T
ETH_MII_
TX_CLK
FMC_SD
CKE0
--
EVEN
TOUT
Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com