| Electronic Components Datasheet Search |
|
STM32F401CCU6TR Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6TR Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 67/135 DocID024738 Rev 6 Table 25. Typical and maximum current consumption in run mode, code with data processing (ART accelerator enabled with prefetch) running from Flash memory Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock, all peripherals enabled(2)(3) 84 31.8 33 35 36 mA 60 21.8 22 23 24 40 16.0 17 18 19 30 12.9 14 15 16 20 10.4 11 12 13 External clock, all peripherals disabled(3) 84 21.2 22 23 24 60 15.0 16 17 18 40 10.9 12 13 14 30 8.8 10 11 12 20 7.1 8 9 10 1. Guaranteed by characterization, unless otherwise specified. 2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only while the ADC is ON (ADON bit is set in the ADC_CR2 register). 3. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the analog part. Table 26. Typical and maximum current consumption in Sleep mode Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Sleep mode External clock, all peripherals enabled(2)(3) 84 16.2 17 18 19 mA 60 10.7 11 12 13 40 8.3 9 10 11 30 6.8 7 8 9 20 5.9 6 7 8 External clock, all peripherals disabled(3)(4) 84 5.2 6 7 8 60 3.6 4 5 6 40 2.9 3 4 5 30 2.6 3 4 5 20 2.6 3 4 5 1. Guaranteed by characterization, unless otherwise specified. 2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only while the ADC is ON (ADON bit is set in the ADC_CR2 register). 3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the analog part. 4. Same current consumption for fHCLK at 30 MHz and 20 MHz due to VCO running slower at 30 MHz. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |