Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL788J Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL788J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example
HCPL-788J#XXX
No Option = 16-Lead, Surface Mt. package, 45 per tube.
500 = Tape and Reel Packaging Option, 850 per reel.
Option Data sheets available. Contact Hewlett-Packard sales representative, authorized distributor, or visit
our Web site at www.hp.com/go/isolator.
Package Outline Drawings
16-Lead Surface Mount
dimensions in inches
(millimeters)
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
VISO
3750
Vrms
RH < 50%, t = 1
1,2,3
Withstand Voltage
min., TA = 25°C
Resistance (Input-Output)
RI-O
>109
Ω
VI-O = 500 VDC
3
Capacitance (Input-Output)
CI-O
1.3
pF
f = 1 MHz
Input IC Junction-to-Case
θjci
120
°C/W T
A = 85°C
Thermal Resistance
Output IC Junction-to-Case
θjco
100
Thermal Resistance
Note: Initial and continued
variation in the color of the
HCPL-788J’s white mold
compound is normal and does
not affect device performance
or reliability.
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)
Maximum Solder Reflow Temperature Profile
9
0.295 ± 0.010
(7.493 ± 0.254)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
0.018
(0.457)
0.138 ± 0.005
(3.505 ± 0.127)
9°
0.406 ± 0.10
(10.312 ± 0.254)
0.408 ± 0.010
(10.160 ± 0.254)
0.025 MIN.
0.008 ± 0.003
(0.203 ± 0.076)
STANDOFF
0.345 ± 0.010
(8.986 ± 0.254)
0–8°
0.018
(0.457)
0.050
(1.270)
ALL LEADS
TO BE
COPLANAR
± 0.002
HP 788J
YYWW
TYPE NUMBER
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com