Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L072V8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 58Page - STMicroelectronics STM32L072V8 Datasheet HTML 59Page - STMicroelectronics STM32L072V8 Datasheet HTML 60Page - STMicroelectronics STM32L072V8 Datasheet HTML 61Page - STMicroelectronics STM32L072V8 Datasheet HTML 62Page - STMicroelectronics STM32L072V8 Datasheet HTML 63Page - STMicroelectronics STM32L072V8 Datasheet HTML 64Page - STMicroelectronics STM32L072V8 Datasheet HTML 65Page - STMicroelectronics STM32L072V8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 147 page
background image
Electrical characteristics
STM32L072xx
62/147
DocID027100 Rev 3
6.3
Operating conditions
6.3.1
General operating conditions
Table 26. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1 Internal APB1 clock frequency
-
0
32
fPCLK2 Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled, at power
on
1.8
3.6
BOR detector disabled, after
power on
1.65
3.6
VDDA
Analog operating voltage (DAC not used)
Must be the same voltage as
VDD(1)
1.65
3.6
V
VDDA
Analog operating voltage (all features)
Must be the same voltage as
VDD(1)
1.8
3.6
V
VDD_US
B
Standard operating voltage, USB
domain(2)
USB peripheral used
3.0
3.6
V
USB peripheral not used
1.65
3.6
VIN
Input voltage on FT, FTf and RST pins(3)
2.0 V
 VDD  3.6 V
-0.3
5.5
V
1.65 V
 VDD  2.0 V
-0.3
5.2
Input voltage on BOOT0 pin
-
0
5.5
Input voltage on TC pin
-
-0.3
VDD+0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com