| Electronic Components Datasheet Search |
|
STM32L071RZ Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071RZ Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 136 page ![]() DocID027101 Rev 3 57/136 STM32L071xx Electrical characteristics 107 6.3 Operating conditions 6.3.1 General operating conditions Table 25. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency - 0 32 MHz fPCLK1 Internal APB1 clock frequency - 0 32 fPCLK2 Internal APB2 clock frequency - 0 32 VDD Standard operating voltage BOR detector disabled 1.65 3.6 V BOR detector enabled, at power on 1.8 3.6 BOR detector disabled, after power on 1.65 3.6 VDDA Analog operating voltage (all features) Must be the same voltage as VDD(1) 1.65 3.6 V VDDIO2 Standard operating voltage - 1.65 3.6 V VIN Input voltage on FT, FTf and RST pins(2) 2.0 V VDD 3.6 V -0.3 5.5 V 1.65 V VDD 2.0 V -0.3 5.2 Input voltage on BOOT0 pin - 0 5.5 Input voltage on TC pin - -0.3 VDD+0.3 PD Power dissipation at TA = 85 °C (range 6) or TA =105 °C (rage 7) (3) UFBGA100 package - 351 mW LQFP100 package - 488 TFBGA64 package - 313 LQFP64 package - 435 WLCSP49 package - 417 LQFP48 package - 370 UFQFPN32 package - 556 LQFP32 package - 333 Power dissipation at TA = 125 °C (range 3) (3) UFBGA100 package - 88 LQFP100 package - 122 TFBGA64 package - 78 LQFP64 package - 109 WLCSP49 package - 104 LQFP48 package - 93 UFQFPN32 package - 139 LQFP32 package - 83 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |