| Electronic Components Datasheet Search |
|
STM32L071KZ Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071KZ Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 136 page ![]() DocID027101 Rev 3 41/136 STM32L071xx Pin descriptions 51 12 12 16 22 G4 G5 31 L4 PA6 I/O FT - SPI1_MISO, TIM3_CH1, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 13 13 17 23 H4 F4 32 M4 PA7 I/O FT - SPI1_MOSI, TIM3_CH2, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 - - - 24 H5 - 33 K5 PC4 I/O FT - EVENTOUT, LPUART1_TX ADC_IN14 - - - 25 H6 - 34 L5 PC5 I/O FT - LPUART1_RX ADC_IN15 14 14 18 26 F5 G4 35 M5 PB0 I/O FT - EVENTOUT, TIM3_CH3 ADC_IN8, VREF_OUT 15 15 19 27 G5 D3 36 M6 PB1 I/O FT - TIM3_CH4, LPUART1_RTS_DE ADC_IN9, VREF_OUT - - 20 28 G6 E3 37 L6 PB2 I/O FT - LPTIM1_OUT, I2C3_SMBA - - - --- - 38 M7 PE7 I/O FT - USART5_CK/USART5_ RTS_DE - - - - - - - 39 L7 PE8 I/O FT - USART4_TX - - - --- - 40 M8 PE9 I/O FT - TIM2_CH1, TIM2_ETR, USART4_RX - - - --- - 41 L8 PE10 I/O FT - TIM2_CH2, USART5_TX - - - --- - 42 M9 PE11 I/O FT - TIM2_CH3, USART5_RX - - - - - - - 43 L9 PE12 I/O FT - TIM2_CH4, SPI1_NSS - - - --- - 44 M10 PE13 I/O FT - SPI1_SCK - - - - - - - 45 M11 PE14 I/O FT - SPI1_MISO - - - - - - - 46 M12 PE15 I/O FT - SPI1_MOSI - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |