Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2101 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 25Page - STMicroelectronics UM2101 Datasheet HTML 26Page - STMicroelectronics UM2101 Datasheet HTML 27Page - STMicroelectronics UM2101 Datasheet HTML 28Page - STMicroelectronics UM2101 Datasheet HTML 29Page - STMicroelectronics UM2101 Datasheet HTML 30Page - STMicroelectronics UM2101 Datasheet HTML 31Page - STMicroelectronics UM2101 Datasheet HTML 32Page - STMicroelectronics UM2101 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
UM2101
Formal notices required by the Industry Canada
("IC")
DocID029635 Rev 1
31/33
9
Formal notices required by the Industry Canada
("IC")
Model: STEVAL-STLKT01V1
IC: 8976C-STILE01
English:
This Class A or B digital apparatus complies with Canadian CS-03.
Changes or modifications not expressly approved by the party responsible for compliance
could void the user’s authority to operate the equipment.
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is
subject to the following two conditions: (1) this device may not cause interference, and (2)
this device must accept any interference, including interference that may cause undesired
operation of the device.
French:
Cet appareil numérique de la classe A ou B est conforme à la norme CS-03 du Canada.
Les changements ou les modifications pas expressément approuvés par la partie
responsable de la conformité ont pu vider l’autorité de l'utilisateur pour actionner
l'équipement.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils
radio exempts de licence. 'exploitation est autorisée aux deux conditions suivantes: (1)
l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter
tout brouillage radioélectrique subi, même si le brouillage est susceptible d'en
compromettre le fonctionnement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com