Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7004AY Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 1 Page - STMicroelectronics

  VND7004AY Datasheet HTML 1Page - STMicroelectronics VND7004AY Datasheet HTML 2Page - STMicroelectronics VND7004AY Datasheet HTML 3Page - STMicroelectronics VND7004AY Datasheet HTML 4Page - STMicroelectronics VND7004AY Datasheet HTML 5Page - STMicroelectronics VND7004AY Datasheet HTML 6Page - STMicroelectronics VND7004AY Datasheet HTML 7Page - STMicroelectronics VND7004AY Datasheet HTML 8Page - STMicroelectronics VND7004AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
November 2016
DocID027772 Rev 9
1/47
This is information on a product in full production.
www.st.com
VND7004AY
Double channel high-side driver with MultiSense analog
feedback for automotive applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
4
mΩ
Current limitation (typ)
ILIMH
100 A
Standby current (max)
ISTBY
0.5 µA
AEC-Q100 qualified
General
Double channel smart high-side driver
with MultiSense analog feedback
Very low standby current
Compatible with 3 V and 5 V CMOS
outputs
MultiSense diagnostic functions
Multiplexed analog feedback of: load
current with high precision proportional
current mirror, VCC supply voltage and
TCHIP device temperature
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
OFF-state open-load detection
Output short to VCC detection
Sense enable/disable
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Configurable latch-off on
overtemperature or power limitation
with dedicated fault reset pin
Loss of ground and loss of VCC
Reverse battery with self switch of the
PowerMOS
Electrostatic discharge protection
Applications
Specially intended for Automotive smart power
distribution, glow plugs, heating systems, DC
motors, relay replacement and high power
resistive and inductive actuators.
Description
The device is a double channel high-side driver
manufactured using ST proprietary VIPower®
M0-7 technology and housed in PowerSSO-36
package. The device is designed to drive 12 V
automotive grounded loads through a 3 V and
5 V CMOS-compatible interface, providing
protection and diagnostics.
The device integrates advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown with configurable
latch-off.
A FaultRST
pin unlatches the output in case of
fault or disables the latch-off functionality.
A dedicated multifunction multiplexed analog
output pin delivers sophisticated diagnostic
functions including high precision proportional
load current sense, supply voltage feedback and
chip temperature sense, in addition to the
detection of overload and short circuit to ground,
short to VCC and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to
be disabled during the module low-power mode
as well as external sense resistor sharing among
similar devices.


Similar Part No. - VND7004AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
22-Jun-2017
VND7004AYTR STMICROELECTRONICS-VND7004AYTR Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
22-Jun-2017
VND7004AY STMICROELECTRONICS-VND7004AY_V01 Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
22-Jun-2017
More results

Similar Description - VND7004AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
19-May-2015
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback for automotive applications
25-May-2015
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
High-side driver with MultiSense analog feedback for automotive applications
01-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com