Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS93705 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93705
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93705 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93705 Datasheet HTML 1Page - Integrated Circuit Systems ICS93705 Datasheet HTML 2Page - Integrated Circuit Systems ICS93705 Datasheet HTML 3Page - Integrated Circuit Systems ICS93705 Datasheet HTML 4Page - Integrated Circuit Systems ICS93705 Datasheet HTML 5Page - Integrated Circuit Systems ICS93705 Datasheet HTML 6Page - Integrated Circuit Systems ICS93705 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
ICS93705
0418C—08/08/02
Block Diagram
DDR Phase Lock Loop Zero Delay Clock Buffer
Pin Configuration
48-Pin SSOP
Recommended Application:
DDR Zero Delay Clock Buffer
Product Description/Features:
Low skew, low jitter PLL clock driver
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
3.3V tolerant CLK_INT input
Switching Characteristics:
PEAK - PEAK jitter (66MHz): <120ps
PEAK - PEAK jitter (>100MHz): <75ps
CYCLE - CYCLE jitter (66MHz):<120ps
CYCLE - CYCLE jitter (>100MHz):<65ps
OUTPUT - OUTPUT skew: <100ps
Output Rise and Fall Time: 450ps - 950ps
DUTY CYCLE: 49% - 51%
GND
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
GND
CLKC2
CLKT2
VDD
SCLK
CLK_INT
N/C
AVDD
AGND
GND
CLKC3
CLKT3
VDD
CLKT4
CLKC4
GND
VDD
GND
CLKC5
CLKT5
VDD
CLKT6
CLKC6
GND
GND
CLKC7
CLKT7
VDD
SDATA
N/C
VDD
FB_OUTT
N/C
GND
CLKC8
CLKT8
VDD
CLKT9
CLKC9
GND
FB_INT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Functionality
FB_INT
CLK_INT
PLL
SCLK
SDATA
Control
Logic
FB_OUTT
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LL
H
L
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
n
o
V
5
.
2
)
m
o
n
(
z
H
M
0
2
<
)
1
(
ZZ
Z
f
f
o
D
N
GL
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B


Similar Part No. - ICS93705

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93705YFLF-T RENESAS-ICS93705YFLF-T Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results

Similar Description - ICS93705

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com