Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC52N3027ECTTR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC52N3027ECTTR
Description  Dual-Channel Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52N3027ECTTR Datasheet(HTML) 1 Page - Microchip Technology

  TC52N3027ECTTR Datasheet HTML 1Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 2Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 3Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 4Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 5Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 6Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 7Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 8Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2001-2015 Microchip Technology Inc.
DS20001430E-page 1
TC52
Features
• Two Independent Voltage Detectors in One
Package
• Highly Accurate: ±2%
• Low Power Consumption: 2.0 μA, typical
• Channel 1 Detect Voltage: 3.0V, 4.5V
• Channel 2 Detect Voltage: 2.7V
• Operating Voltage: 1.5V to 10.0V
• Output Configuration: N-Channel Open-Drain
• Space-Saving 5-Pin SOT-23 Package
Typical Applications
• Battery Life Monitors and Recharge Voltage
Monitors
• Memory Battery Backup Circuitry
• Power-On Reset Circuits
• Power Failure Detection
• Delay Circuitry
Package Type
Description
The TC52 consists of two independent low-power
voltage detectors in a space-saving 5-pin SOT-23
package. Typical supply current consumption is only
2 μA at an input voltage of 2V. The voltage detection
threshold settings are factory-programmed and
guaranteed to ±2% accuracy. The TC52 is available
with open drain (NMOS) configurations. Small-size,
high-precision, low-supply current, and low installed
cost makes the TC52 the ideal voltage detector for a
wide variety of voltage monitoring applications.
Functional Block Diagram
5-Pin SOT-23
123
54
VIN1
VIN2
GND
VOUT2
VOUT1
+
–
+
–
VIN1
VIN2
VREF
VOUT1
VOUT2
GND
Dual-Channel Voltage Detector
Obsolete Device


Similar Part No. - TC52N3027ECTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
Dual Channel Voltage Detector
2002
logo
Cornell Dubilier Electr...
TC52 CDE-TC52 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC52-400-J-230 SELEC-TC52-400-J-230 Datasheet
433Kb / 1P
Analog Temperature Controller
TC52-400-K-230 SELEC-TC52-400-K-230 Datasheet
433Kb / 1P
Analog Temperature Controller
More results

Similar Description - TC52N3027ECTTR

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
Dual Channel Detector
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
Dual Channel Voltage Detector
2002
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
CMOS Dual voltage detector
logo
Diodes Incorporated
ZLNB2015 DIODES-ZLNB2015 Datasheet
88Kb / 7P
ADVANCED DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32061 Rev. 1 - 2
ZLNB2016 DIODES-ZLNB2016 Datasheet
88Kb / 7P
STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32073 Rev. 1 - 2
logo
ELM Technology Corporat...
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
Microchip Technology
TC52 MICROCHIP-TC52_13 Datasheet
182Kb / 12P
Dual Channel Voltage Detector
11/27/12 2001-2012
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
CMOS Dual voltage detector
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com