Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST11CP16 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST11CP16 Datasheet HTML 2Page - Microchip Technology SST11CP16 Datasheet HTML 3Page - Microchip Technology SST11CP16 Datasheet HTML 4Page - Microchip Technology SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology SST11CP16 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
6
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Table 4: AC Electrical Characteristics for Configuration, VCC = 5.0V1,VREG= 2.85V
Symbol
Parameter
Min
Typ
Max
Unit
FL-U
Frequency range
5.1
5.9
GHz
Linear Power
Output power at 3% EVM at 54 Mbps OFDM signal, 802.11a
21.5
dBm
Output power at 2.5% EVM at 54 Mbps OFDM signal, 802.11a
20
dBm
Output power at 1.8% EVM at 802.11ac, MCS9 80 MHz
19
dBm
ACPRa
Output power level with 802.11a mask compliance
25.5
dBm
ACPRn20
Output power level with 802.11n HT20 mask compliance
24.5
dBm
Gain
Power gain from 5.18–5.9 GHz
30
dB
Input Return
Loss
RF Input Return Loss
10
dB
2FO
Second Harmonic Power Level
-26
dBm/MHz
3FO
Third Harmonic Power Level
-35
dBm/MHz
T4.1 75050
1. EVM is measured with equalizer channel estimation set to “Sequence Only”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com