Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1730 Datasheet(PDF) 17 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 13Page - Microchip Technology MD1730 Datasheet HTML 14Page - Microchip Technology MD1730 Datasheet HTML 15Page - Microchip Technology MD1730 Datasheet HTML 16Page - Microchip Technology MD1730 Datasheet HTML 17Page - Microchip Technology MD1730 Datasheet HTML 18Page - Microchip Technology MD1730 Datasheet HTML 19Page - Microchip Technology MD1730 Datasheet HTML 20Page - Microchip Technology MD1730 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 17
MD1730
D12 = 1, W/R bit set equal to high for write
operation.
ADD<11:8> = 0011b, address for channel-3’s
phase delay register.
D<7:0> = 01010101b, data to be written into
channel-3’s phase delay register.
The SDI data is shifted in at the rising edge of
SCK.
3.
Once the complete data has been shifted in, the
CSN should be taken high to finish the writing
operation. The SDI data is latched into
channel-3’s phase delay register on the rising
edge of the CSN signal. CSN has to be kept high
for a minimum of 2-SCK cycles for the data to be
written into the appropriate register.
In the case of eight chips daisy chained together as
shown in Figure 4-3, there should be 13 x 8 = 104
cycles of SCK before the CSN is taken high.
The MD1730 can also be used in the Broadcasting
mode to write several daisy chained chips with the
same data. The Broadcasting mode can be used to
reduce the time required to write the SPI if several
MD1730 chips need the same data. The following is a
1-byte writing example for the register at the address
location ADD = 0011b with data D<7:0> =01010101b
while the MD1730 is set to broadcasting mode.
1.
The write operation starts with setting CSN to
low with TXRW = 0 and SPIB = 1.
2.
The SCK clock is used to shift in the following
SDI data to the first MD1730 chip:
D12 = 1, W/R bit set equal to high for write
operation.
ADD<11:8> = 0011b,
address
for
the
channel-3’s phase delay register.
D<7:0> = 01010101, data to be written into the
channel-3’s phase delay register.
The SDI data is shifted in at the rising edge of
SCK.
In Broadcasting mode, the same set of data
shifted into the first chip’s SDI is sent to all the
MD1730 chips along the daisy chain. As shown
is Figure 4-3 when SPIB = 1 an internal switch
connects the SDI and SDO directly.
3.
Once the complete data has been shifted in, the
CSN should be taken high to finish the writing
operation. The SDI data is latched into each
chip’s channel-3 phase delay register on the
rising edge of the CSN signal. CSN has to be
kept high for a minimum of 2-SCK cycles for the
data to be written into the appropriate register.
4.4.2
SPI READ OPERATION EXAMPLES
The following is a 2-byte reading example from the
register at ADD = 0011b (Channel-3’s phase delay
register) when SPIB = TXRW = 0.
1.
The read operation starts with setting CSN to
low.
2.
The SCK clock is used to shift in the following
SDI data:
D12 = 0, W/R bit set equal to high for read
operation.
ADD<11:8> = 0011b, address for channel-3’s
phase delay register.
D<7:0> = X, for a Read operation the data field
is don’t’ care.
The SDI data is shifted in at the rising edge of
SCK.
3.
Once the complete data has been shifted into
the SPI the CSN is taken high. While CSN is
high the MD1730 fetches the data located at
ADD<11:9> = 0011b and places it in its internal
shift register.
4.
Once the complete data has been shifted in, the
CSN should be taken high to finish the reading
operation. While CSN is high the MD1730
fetches the data located at ADD<11:9> = 0011b
and places it in its internal shift register. CSN
has to be kept high for a minimum of 2-SCK
cycles for the data to be fetched and placed into
the internal shift register.
5.
The CSN is taken low and during the next 13
SCK clock cycles, the fetched data in the
internal shift register is clocked out on the rising
edge of SCK from the SDO of the MD1730.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com