Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES-MINIMACRO Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-MINIMACRO
Description  High Voltage Ratings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-MINIMACRO Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-MINIMACRO Datasheet HTML 1Page - Ohmite Mfg. Co. RES-MINIMACRO Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
29
characteristics
Prefered Number Series
for Resistors
±1%, 2%: E96, E24
±5%, 10%: E24
Substrate Alumina
Resistor Thick Film
Coating glass overcoat
Terminal 100% nickel barrier inner layer with 100% matte tin outer
layer
Tolerance 1-10%
Derating Linearly from 100% at 70°C to 0% at 125°C
Isolation Voltage 500V (ex. MMC06: 100V)
Operating Temp. Range -55°~+125°
Mini Macro
chip series
High Voltage Thick Film SMD Chip
Derating
100
Ambient Temperature, ϒC
60
20
0
050
100
25
75
125
80
40
70
Series
TCR
Power Rating (W)
Voltage
Isolation
(Size in./met.)
Resistance Range
ppm/°C
@70°C
Rating*
Voltage
MMC06
470Ω~10MΩ
±100
0.1
200
100
(0603/1608)
47Ω~464Ω
±200
MMC08
100Ω~10MΩ ±1% & ±2%
±100
0.125
300
500
(0805/2012)
100Ω~51MΩ ±5% & ±10%
±100
47Ω~97.6Ω
±200
MMC12
100Ω~10MΩ ±1% & ±2%
±100
0.25
400
500
(1206/3216)
100Ω~51MΩ ±5% & ±10%
±100
47Ω~97.6Ω
±200
MMC25
560Ω~20MΩ ±1% & ±2%
±100
1.0
800
500
(2512/6332)
560Ω~51MΩ ±5% & ±10%
±100
100Ω~549Ω
±200
47Ω~97.6Ω
±500~-200
*Use Ohm’s Law (V= √ P*R) to calculate maximum working voltage.
Note: Limiting Element Voltage can only be applied to resistors when the resistance is equal to or higher than the critical resistance value.
Fea tures
•HighVoltageRatings
•SmallerPackageSizes
•LowCost
•WraparoundTerminals
series s P eci F icati ON s
(continued)


Similar Part No. - RES-MINIMACRO

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-MINIMOX OHMITE-RES-MINIMOX Datasheet
350Kb / 2P
Silicone or epoxy coating
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
Wide resistance ranges
More results

Similar Description - RES-MINIMACRO

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D2060D NELLSEMI-D2060D Datasheet
227Kb / 5P
High voltage ratings up to 4500V
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
High voltage ratings up to 3600V
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D2630D NELLSEMI-D2630D Datasheet
226Kb / 5P
High voltage ratings up to 2500V
D3000D NELLSEMI-D3000D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D3270D NELLSEMI-D3270D Datasheet
226Kb / 5P
High voltage ratings up to 2200V
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
High voltage ratings up to 5500V
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
D5290E NELLSEMI-D5290E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
Vishay Siliconix
VS-SD200N VISHAY-VS-SD200N Datasheet
149Kb / 7P
High voltage ratings up to 2400 V
25-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com