Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC910 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz, Low-Power SOT-23-5 Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC910 Datasheet HTML 1Page - Micrel Semiconductor MIC910 Datasheet HTML 2Page - Micrel Semiconductor MIC910 Datasheet HTML 3Page - Micrel Semiconductor MIC910 Datasheet HTML 4Page - Micrel Semiconductor MIC910 Datasheet HTML 5Page - Micrel Semiconductor MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC910
135MHz, Low-Power SOT-23-5 Op Amp
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 19, 2014
Revision 2.0
General Description
The MIC910 is a high-speed, unity-gain stable operational
amplifier. It provides a gain-bandwidth product of 135MHz
with a very low, 2.4mA supply current, and features the
tiny SOT-23-5 package.
Supply voltage range is from ±2.5V to ±9V, allowing the
MIC910 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC910 is stable driving any capacitive load and
achieves excellent PSRR, making it much easier to use
than most conventional high-speed devices. Low supply
voltage, low power consumption, and small packing make
the MIC910 ideal for portable equipment. The ability to
drive capacitive loads also makes it possible to drive long
coaxial cables.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
 135MHz gain bandwidth product
 2.4mA supply current
 Unconditionally unity-gain stable
 SOT-23-5 package
 270V/µs slew rate
 Drives any capacitive load
Applications
 Video
 Imaging
 Ultrasound
 Portable equipment
 Line drivers
Functional Pinout
SOT-23-5


Similar Part No. - MIC910

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
More results

Similar Description - MIC910

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
Dual 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
Triple 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com