Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC863 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC863
Description  Duaal Ultra-Low Power Op Amp in SOT-23-8
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May
Gen
The
SOT2
5V ra
groun
produ
With
MIC8
ampl
pack
while
minim
batte
Data
Micre
Typ
Micrel Inc. • 21
7, 2014
neral Desc
MIC863 is a
23-8 package
ange, rail-to-
nd. The MIC
uct while cons
low supply
863
provides
ifiers for porta
kage provides
e maintaining
mal power c
ery life potenti
sheets and s
el’s web site a
pical Appl
80 Fortune Driv
cription
dual low-pow
e. It is design
rail output, w
C863 provide
suming only a
voltage and
s
two
chan
able and batte
s the maxim
g an extrem
consumption
al.
support docu
at: www.micre
ication
ve • San Jose, C
wer operationa
ned to opera
with input com
es 450kHz
a 4.2µA supp
d 8-pin SOT-
nnels
as
g
ery-powered
mum perform
mely slim for
of this IC
umentation ar
el.com.
CA 95131 • USA
al amplifier in
ate in the 2V
mmon-mode
gain-bandwid
ly current
-23 packagin
general-purpo
applications.
ance availab
rm factor. T
maximizes t
re available
Peak Detecto
Dua
• tel +1 (408) 94
n a
to
to
dth
ng,
se
Its
ble
he
he
on
Featu
 8-Pi
 450k
 800k
 4.2µ
 Rail
 Grou
 Driv
 Unit
Appl
 Port
 Med
 PDA
 Pag
 Cord
 Con
or Circuit for A
al Ultra-Low
44-0800 • fax + 1
ures
n SOT-23 pa
kHz gain-ban
kHz, –3dB ba
µA supply cur
-to-rail output
und sensing a
ves large capa
ty gain stable
lications
table equipme
dical instrume
As
ers
dless phones
nsumer electro
AM Radio
MIC86
w Power O
1 (408) 474-1000
ackage
ndwidth produ
andwidth
rrent/channel
t
at input (com
acitive loads (
ent
ent
s
onics
63
p Amp in S
0 • http://www.m
uct
mon mode-to
(0.02µF)
SOT-23-8
micrel.com
Revision 2.0
o-GND)


Similar Part No. - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
logo
Microchip Technology
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
logo
Micrel Semiconductor
MIC863BM5 MICREL-MIC863BM5 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863BM8 MICREL-MIC863BM8 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
More results

Similar Description - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com