Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL13N60DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL13N60DM2
Description  N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL13N60DM2 Datasheet HTML 7Page - STMicroelectronics STL13N60DM2 Datasheet HTML 8Page - STMicroelectronics STL13N60DM2 Datasheet HTML 9Page - STMicroelectronics STL13N60DM2 Datasheet HTML 10Page - STMicroelectronics STL13N60DM2 Datasheet HTML 11Page - STMicroelectronics STL13N60DM2 Datasheet HTML 12Page - STMicroelectronics STL13N60DM2 Datasheet HTML 13Page - STMicroelectronics STL13N60DM2 Datasheet HTML 14Page - STMicroelectronics STL13N60DM2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STL13N60DM2
Package mechanical data
DocID029284 Rev 2
11/15
Table 10: PowerFLAT™ 5x6 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.10
5.20
5.30
E
6.05
6.15
6.25
E2
3.10
3.20
3.30
D2
4.30
4.40
4.50
e
1.27
L
0.50
0.55
0.60
K
1.90
2.00
2.10
Figure 21
: PowerFLAT™ 5x6 HV recommended footprint (dimensions are in mm)
8368143_Rev_3_footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com