Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC10H12
Description  1200 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12 Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC10H12 Datasheet HTML 1Page - STMicroelectronics STPSC10H12 Datasheet HTML 2Page - STMicroelectronics STPSC10H12 Datasheet HTML 3Page - STMicroelectronics STPSC10H12 Datasheet HTML 4Page - STMicroelectronics STPSC10H12 Datasheet HTML 5Page - STMicroelectronics STPSC10H12 Datasheet HTML 6Page - STMicroelectronics STPSC10H12 Datasheet HTML 7Page - STMicroelectronics STPSC10H12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPSC10H12
4/8
DocID029139 Rev 1
Figure 7: Total capacitive charges versus reverse
voltage applied ( typical values)
QCj(nC)
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
VR(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com