Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU111 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 11Page - STMicroelectronics TSU111 Datasheet HTML 12Page - STMicroelectronics TSU111 Datasheet HTML 13Page - STMicroelectronics TSU111 Datasheet HTML 14Page - STMicroelectronics TSU111 Datasheet HTML 15Page - STMicroelectronics TSU111 Datasheet HTML 16Page - STMicroelectronics TSU111 Datasheet HTML 17Page - STMicroelectronics TSU111 Datasheet HTML 18Page - STMicroelectronics TSU111 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TSU111
Electrical characteristic curves
DocID029790 Rev 2
15/30
Figure 26: Bode diagram at 5 V supply voltage
Figure 27: Gain bandwidth product vs. input
common-mode voltage
Figure 28: In-series resistor (Riso) vs. capacitive load
Figure 29: Noise vs. frequency for different power
supply voltages
Figure 30: Noise vs. frequency for different
common-mode input voltages
Figure 31: Noise amplitude on a 0.1 Hz to 10 Hz
frequency range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com